Electronic Components Datasheet Search
  English  ▼

X  

TAS5706APAP Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAP Datasheet(HTML) 59 Page - Texas Instruments

Back Button TAS5706APAP Datasheet HTML 55Page - Texas Instruments TAS5706APAP Datasheet HTML 56Page - Texas Instruments TAS5706APAP Datasheet HTML 57Page - Texas Instruments TAS5706APAP Datasheet HTML 58Page - Texas Instruments TAS5706APAP Datasheet HTML 59Page - Texas Instruments TAS5706APAP Datasheet HTML 60Page - Texas Instruments TAS5706APAP Datasheet HTML 61Page - Texas Instruments TAS5706APAP Datasheet HTML 62Page - Texas Instruments TAS5706APAP Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 71 page
background image
LOUDNESS BIQUAD GAIN INVERSE REGISTER (0x26)
LOUDNESS SCALE REGISTER (0x28)
DRC CONTROL (0x46)
BANK SWITCH AND HEADPHONE DRC/EQ CONTROL (0x50)
TAS5706A
TAS5706B
www.ti.com............................................................................................................................................. SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009
Bit D6 of the volume configuration register (0x0E) enables/disables gain compensation for BQ1. D6 = 0 disables
gain compensation (default); D6 = 1 enables gain compensation. Max/min biquad gain = ±4.
Table 25. Loudness Biquad Gain Inverse Register (3.23 Format)
CONTENT
DEFINITION
u[31:26], x[25:0]
1/G (1)
(1)
G = gain of the biquad
Table 26. Loudness Scale Register (3.23 Format)
CONTENT
DEFINITION
u[31:26], x[25:0]
Scale = 1/(1 – 1/G) (1)
(1)
G = gain of the biquad
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
–
–
–
0
DRC1 (satellite channels) turned OFF (1)
–
–
–
–
–
–
–
1
DRC1 (satellite channels) turned ON
–
–
–
–
–
–
0
–
DRC2 (subchannel ) turned OFF (1)
–
–
–
–
–
–
1
–
DRC2 (subchannel ) turned ON
–
–
–
–
–
0
–
–
DRC1 independent of channel 3 (1)
–
–
–
–
–
1
–
–
DRC1 dependent of channel 3
–
–
–
–
0
–
–
–
DRC1 independent of channel 4 (1)
–
–
–
–
1
–
–
–
DRC1 dependent of channel 4
(1)
Default values are in bold.
Table 27. Bank Switching Command
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
–
–
–
–
–
0
0
0
No bank switching. All updates to DAP (1)
–
–
–
–
–
0
0
1
Configure bank 1 (32 kHz)
–
–
–
–
–
0
1
0
Configure bank 2 (44.1/48 kHz)
–
–
–
–
–
0
1
1
Configure bank 3 (88.2/96 kHz and above)
–
–
–
–
–
1
0
0
Automatic bank selection
–
–
0
0
0
–
–
–
Reserved
–
0
–
–
–
–
–
–
DRC disabled in headphone mode (1)
–
1
–
–
–
–
–
–
DRC enabled in headphone mode
0
–
–
–
–
–
–
–
EQ disabled in headphone mode (1)
1
–
–
–
–
–
–
–
EQ enabled in headphone mode
(1)
Default values are in bold.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
59
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com