Electronic Components Datasheet Search
  English  ▼

X  

TAS5706APAP Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAP Datasheet(HTML) 41 Page - Texas Instruments

Back Button TAS5706APAP Datasheet HTML 37Page - Texas Instruments TAS5706APAP Datasheet HTML 38Page - Texas Instruments TAS5706APAP Datasheet HTML 39Page - Texas Instruments TAS5706APAP Datasheet HTML 40Page - Texas Instruments TAS5706APAP Datasheet HTML 41Page - Texas Instruments TAS5706APAP Datasheet HTML 42Page - Texas Instruments TAS5706APAP Datasheet HTML 43Page - Texas Instruments TAS5706APAP Datasheet HTML 44Page - Texas Instruments TAS5706APAP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
TAS5706A
TAS5706B
www.ti.com............................................................................................................................................. SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009
Table 2. Serial Control Interface Register Summary (continued)
NO. OF
INITIALIZATION
SUBADDRESS
REGISTER NAME
CONTENTS
BYTES
VALUE
0x12
IC delay channel 2
1
Description shown in subsequent section
0x34
0x13
IC delay channel 3
1
Description shown in subsequent section
0x1C
0x14
IC delay channel 4
1
Description shown in subsequent section
0x64
0x15
IC delay channel 5
1
Description shown in subsequent section
0xB0
0x16
IC delay channel 6
1
Description shown in subsequent section
0x90
0x17
Offset register
1
Reserved
0x00
0x18
1
Reserved(2)
0x19
PWM shutdown group
1
0x30
register
0x1A
Start/stop period register
1
0x0A
0x1B
Oscillator trim register
1
0x82
0x1C
BKND_ERR register
1
0x02
0x1D–0x1F
Reserved(2)
0x20
Input MUX register
4
Description shown in subsequent section
0x0089 777A
0x21
Downmix input MUX
4
Description shown in subsequent section
0x0000 4203
register
0x22
AM tuned frequency
4
Description shown in subsequent section
0x0000 0000
0x23
ch6_bq[2] (Loudness BQ)
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x24
ch6_bq[3] (post volume
20
u[31:26], b0[25:0]
0x0080 0000
BQ)
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x25
PWM MUX register
Description shown in subsequent section
0x0102 1345
0x26
1/G register
4
u[31:26], x[25:0]
0x0080 0000
0x27
1
Reserved(3)
0x28
Scale register
4
u[31:26], x[25:0]
0x0080 0000
0x29
ch1_bq[0]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x2A
ch1_bq[1]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x2B
ch1_bq[2]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
(3)
Reserved registers should not be accessed.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com