Electronic Components Datasheet Search
  English  ▼

X  

IC-HT Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 6 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 2Page - IC-Haus GmbH IC-HT Datasheet HTML 3Page - IC-Haus GmbH IC-HT Datasheet HTML 4Page - IC-Haus GmbH IC-HT Datasheet HTML 5Page - IC-Haus GmbH IC-HT Datasheet HTML 6Page - IC-Haus GmbH IC-HT Datasheet HTML 7Page - IC-Haus GmbH IC-HT Datasheet HTML 8Page - IC-Haus GmbH IC-HT Datasheet HTML 9Page - IC-Haus GmbH IC-HT Datasheet HTML 10Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 6/42
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 2.8 . . . 8 V (referenced to GND), Tj = -40 . . . 125 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
Total Device
Functionality and parameters beyond the operating conditions (with reference to independent voltage supplies, for instance) are to be
verified within the individual application using FMEA methods.
001
VB
Permissible Supply Voltage
Referenced to GND
2.8
8
V
002
I(VB)
Standby Current at VB
V(NSTBY) ≤ 0.4 V
10
µA
003
I(VB)
Supply Current at VB
No load, EC1, EC2, NSTBY = hi
5
mA
004
V(VB)on
Turn-on threshold
Increasing VB
1.9
2.7
V
005
V(VB)off
Turn-off threshold
Decreasing VB
1.8
2.6
V
006
V(VB)Hys
Power-on hysteresis
20
250
mV
007
V(VDD)on Turn-on threshold
Increasing VDD
1.7
2.4
V
008
V(VDD)off Turn-off threshold
Decreasing VDD
1.6
2.3
V
009
V(VDD)Hys Power-on hysteresis
20
250
mV
010
V(VB)INITR RAM memory reset during
Stand-By
NSTBY = lo
0.85
1.4
V
011
Rgnd()
Resistor to GND at MRL1, MRL2
20
Ω
012
Ragnd()
Resistor to AGNDx at CILx
20
Ω
013
Vc()lo
Clamp Voltage lo at VB,
VDD, NCHK, EMC, NCS/A1,
MISO/SDA, MOSI/A0,
SCLK/SCL, INS/WKR, NSTBY,
EC1, EC2, DCO, LDK1, LDK2,
CI1, CIL1, CI2, CIL2, AGND1,
AGND2, MDA1, MDA2
I() = -10 mA
-1.6
-0.3
V
Laser Driver LDKx, CIx, MDAx
101
Vs(LDK)lo Saturation Voltage lo at LDK
I(LDKx) = 750 mA
0.7
V
102
V(LDKSAT) LDKx saturation detection
threshold
RLDKSx = 00
0.35
0.5
0.65
V
RLDKSx = 01
0.55
0.7
0.85
V
RLDKSx = 10
0.85
1
1.15
V
RLDKSx = 11
1.05
1.2
1.35
V
103
Idc(LDK)
Permissible DC Current at LDKx
750
mA
104
Ileak(LDK) LDKx leackage current
V(LDKx) = 8 V
10
µA
105
C(CI)
Possible capacitor at CI1, CI2
ECIE = 0, EMC = hi
0
µF
106
I(CI)
Charge Current at CI1, CI2
V(CI) = 0 V, EC1, EC2 = hi, ECIEx = 1
-220
-30
µA
COMP = 111
107
I(LDK)max Laser overcurrent shutdown
threshold
V(LDKx) = 0.7 V . . . VB - 1.5 V
ILIMx(7:0) = 0x00, RACCx = 0
0
25
mA
ILIMx(7:0) = 0xFF, RACCx = 0
750
1400
mA
ILIMx(7:0) = 0x00, RACCx = 1
0
3.2
mA
ILIMx(7:0) = 0xFF, RACCx = 1
93
175
mA
108
∆
I(LDK)
Shutdown threshold resolution
RACCx = 0
3
4
5
mA
RACCx = 1
0.375
0.5
0.625
mA
109
tovc
Time to overcurrent shutdown
Laser current decreased 10%
1
5
µs
110
V(MDA)
Voltage at MDA1, MDA2
Closed control loop
EC1, EC2 = hi
EMC = lo, INS/WKR = lo
225
250
275
mV
EMC = lo, INS/WKR = hi
455
500
545
mV
111
Ten
Time to laser enabled
NSTBY lo → hi, no load at VDD,
1.3
ms
V(VDD) 0 to 90 %,
CVDD = 1 µF, EMC = lo
112
Tci
Time to light
NSTBY = hi, ECIE = 0, COMP = 010,
light off to 80 % target value
300
µs
113
Tcio
Time to target light
Light from 80 % to 99 % target value
4700
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com