Electronic Components Datasheet Search
  English  ▼

X  

IC-HT Datasheet(PDF) 8 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 8 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 4Page - IC-Haus GmbH IC-HT Datasheet HTML 5Page - IC-Haus GmbH IC-HT Datasheet HTML 6Page - IC-Haus GmbH IC-HT Datasheet HTML 7Page - IC-Haus GmbH IC-HT Datasheet HTML 8Page - IC-Haus GmbH IC-HT Datasheet HTML 9Page - IC-Haus GmbH IC-HT Datasheet HTML 10Page - IC-Haus GmbH IC-HT Datasheet HTML 11Page - IC-Haus GmbH IC-HT Datasheet HTML 12Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 8/42
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 2.8 . . . 8 V (referenced to GND), Tj = -40 . . . 125 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
610
Ri()
Internal Resistance at EMC,
INS/WKR
170
250
330
kΩ
611
Isc()lo
Short Circuit current lo at
MISO/SDA
INS/WKR = lo, V(MISO/SDA) = 5.5 V
-40
-4
mA
612
Vs()lo
Saturation Voltage lo at
MISO/SDA
INS/WKR = lo, I(MISO/SDA) = 2 mA
0.4
V
A/D Converter
701
Ton
Converter initialization time
ADCCx(2) changes from 0 to 1
500
µs
LDKx, VDD or VB measurements
702
Tconv
Conversion time
140
µs
703
R(ADC)
A/D Converter Resolution
10
bit
704
RAC
Relative Accuracy
-1
+1
LSB
705
VZS()
Zero Scale Voltage
ADCx(9:0) = 000h
0
V
706
VFS()
Full Scale Voltage
ADCx(9:0) = 3FFh
1.0
1.1
1.2
V
707
MDAM
MDAx Measurement
MDAx = 0.5 V, ADCCx(2:0) = 100, ADSNFx = 0
372
465
558
LSB
708
VDDM
VDD Measurement
VDD = 3.3 V, ADCCx(2:0) = 110
312
390
468
LSB
709
VBM
VB Measurement
VB = 8 V, ADCCx(2:0) = 101
744
930
1116
LSB
710
LDKM
LDKx Measurement
LDKx = 8 V, ADCCx(2:0) = 111
744
930
1116
LSB
Overtemperature
B01
Toff
Overtemperature Shutdown
Rising temperature
130
170
°C
B02
Ton
Overtemperature Release
Falling temperature
120
160
°C
B03
Thys
Hysteresis
Toff − Ton
3
°C
Temperature Monitor
C01
Trange
Temperature Measurement
Range
-40
125
°C
C02
Tresol
Temperature Measurement Reso-
lution
1
°C
C03
Reading
Temperature Value Ranges
Tj = 125 °C
160
190
digits
Tj = -40 °C
0
15
digits
DCO Output
D01
Isc()hi
DCO Output Current
V(VDD) = 3...3.5 V, V(DCO) < 1.4 V,
RDCO = 0x3F
-175
-130
-85
µA
D02
Ileak
Leakage Current at DCO
RDCO = 0x00 or NSTBY = lo,
V(DCO) = 0 . . . 5.5 V
-1
1
µA
D03
I(DCO)LSB I(DCO) Resolution
V(DCO) < 1.4 V
1.3
2
2.7
µA
Oscillator
E01
Fosc
Oscillator Frequency
NSTBY = hi
100
200
400
kHz
E02
T(cfgtimo)
Configuration Mode Timeout
MODE(1:0) = 10
40
82
164
ms
E03
tWDT
Watchdog Timeout
NSTBY = hi
20
120
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com