Electronic Components Datasheet Search
  English  ▼

X  

IC-HT Datasheet(PDF) 7 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 7 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 3Page - IC-Haus GmbH IC-HT Datasheet HTML 4Page - IC-Haus GmbH IC-HT Datasheet HTML 5Page - IC-Haus GmbH IC-HT Datasheet HTML 6Page - IC-Haus GmbH IC-HT Datasheet HTML 7Page - IC-Haus GmbH IC-HT Datasheet HTML 8Page - IC-Haus GmbH IC-HT Datasheet HTML 9Page - IC-Haus GmbH IC-HT Datasheet HTML 10Page - IC-Haus GmbH IC-HT Datasheet HTML 11Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 7/42
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 2.8 . . . 8 V (referenced to GND), Tj = -40 . . . 125 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
114
Idc(LDK)
LDKx ACC mode current
EC1, EC2, EMC = hi, EACCx = 1,
V(LDKx) = 0.7 V . . . VB - 1.5 V
REFx(9:0) = 0x000, RACCx = 0
60
82
120
mA
REFx(9:0) = 0x3FF, RACCx = 0
750
905
1400
mA
REFx(9:0) = 0x000, RACCx = 1
6
10
15
mA
REFx(9:0) = 0x3FF, RACCx = 1
90
113
160
mA
Programmable Resistor
201
Rmda
Resistor at MDAx pin
RMDx(7:0) = 0xF0 . . . 0xFF, DISPx = 0
350
500
650
kΩ
RMDx(7:0) = 0x00 . . . 0x0F, DISPx = 0
0.154
0.220
0.286
kΩ
202
Tk
Temperature coefficient
-1500
-500
0
ppm/K
203
∆
R
Percentual resistor increment
∆
R =
R(n+1)−R(n)
R(n)
1
3.3
7
%
204
Ileak(MDA) MDAx leackage current
DISPx = 1
-1
1
µA
D/A Converter
301
R(DAC)
D/A Converter Resolution
10
bit
302
∆
V
Percentual voltage increments
∆
V =
V (n+1)−V (n)
V (n)
0.05
0.235
1
%
303
V(DAC)
D/A Converter
REFx(9:0) = 0x000 lowest value
0.09
0.10
0.12
V
REFx(9:0) = 0x3FF highest value
1.00
1.10
1.25
V
Check Output NCHK
401
Vs()lo
Saturation Voltage lo at NCHK
I(NCHK) = 1.0 mA
0.4
V
402
Isc()lo
Short Circuit Current lo at NCHK V(NCHK) = 0.4 . . . 3.3 V
9
33
mA
403
Ilk()
Leakage Current at NCHK
NCHK = 1;
V(NCHK) = 0 . . . 5.5 V
-10
10
µA
Series Regulator Output VDD
501
V(VDD)
Regulated output voltage
VB = 3.7 . . . 8 V, I(VDD) = -10 . . . 0 mA
NSTBY = hi
3
3.5
V
502
V(VB,VDD) Voltage Drop between VB and
VDD
VDD unregulated, I(VDD) = -10 . . . 0 mA
NSTBY = hi
100
400
mV
503
C(VOUT)
Capacitor at VDD
Ri(C) < 1 Ω
1
3.3
µF
504
Tvdd
Settling time VDD
NSTBY lo → hi, no load at VDD,
V(VDD) 0 to 90 %
CVDD = 1 µF
1
ms
Digital inputs
601
Vt()hi
Input Threshold Voltage hi at
EMC, NCS/A1, MISO/SDA,
MOSI/A0, SCLK/SCL, INS/WKR,
NSTBY, EC1, EC2
2
V
602
Vt()lo
Input Threshold Voltage lo at
EMC, NCS/A1, MISO/SDA,
MOSI/A0, SCLK/SCL, INS/WKR,
NSTBY, EC1, EC2
0.7
V
603
Vt()hys
Hysteresis at EMC, NCS/A1,
MISO/SDA, MOSI/A0,
SCLK/SCL, INS/WKR, NSTBY,
EC1, EC2
Vt()hys = Vt()hi - Vt()lo
100
mV
604
Ipd()
Pull-Down Current at MOSI/A0,
EC1, EC2
V() = 0.4 V . . . VDD
1
50
µA
605
Ipd()
Pull-Down Current at NSTBY
V() = 0.4 V . . . VB
1
50
µA
606
Rpu()
Pull-Up Resistor at SCLK/SCL,
NCS/A1
80
150
260
kΩ
607
Rpu()
Pull-Up Resistor at MISO/SDA
EMC = hi, INS/WKR = lo
8
20
50
kΩ
EMC = hi, INS/WKR = hi
53
100
174
kΩ
608
Er()
Safe enable threshold voltage at
EMC, INS/WKR
Rising
52
54
56
% VDD
Falling
30
32
34
% VDD
609
Voc()
Open Circuit Voltage at EMC,
INS/WKR
39
41
43
% VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com