Electronic Components Datasheet Search
  English  ▼

X  

IC-HT Datasheet(PDF) 38 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 38 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 34Page - IC-Haus GmbH IC-HT Datasheet HTML 35Page - IC-Haus GmbH IC-HT Datasheet HTML 36Page - IC-Haus GmbH IC-HT Datasheet HTML 37Page - IC-Haus GmbH IC-HT Datasheet HTML 38Page - IC-Haus GmbH IC-HT Datasheet HTML 39Page - IC-Haus GmbH IC-HT Datasheet HTML 40Page - IC-Haus GmbH IC-HT Datasheet HTML 41Page - IC-Haus GmbH IC-HT Datasheet HTML 42Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 38/42
OVC1
Addr. 0x00; bit 5
R
0
No overcurrent event at channel 1 has occurred
since last read
1
Overcurrent event at channel 1 has occurred.
Cleared on read
Table 77: Overcurrent channel 1
OSCERR
Addr. 0x00; bit 6
R
0
Oscillator functioning OK
1
Watchdog timeout set on oscillator failure.
Cleared on read
Table 78: Oscillator watchdog
CFGTIMO
Addr. 0x00; bit 7
R
0
iC-HT not in Configuration Mode or Timeout did not
happened till now
1
iC-HT in Configuration Mode and Timeout
happened. Laser switched off.
Table 79: Configuration timeout
MAPC1
Addr. 0x01; bit 0
R
0
EC1 is 0 at the precise reading moment
1
EC1 is 1 at the precise reading moment
Table 80: EC1 pin state
MONC1
Addr. 0x01; bit 1
R
0
EC1 has not been set to 1 since last read
1
EC1 has been set to 1 at least once. Cleared on
read
Table 81: Monitor channel 1
LDKSAT1
Addr. 0x01; bit 2
R
0
Channel 1 LDK saturation voltage not reached.
1
Channel 1 LDK saturation voltage reached at least
once, cleared on read
Table 82: LDK1 saturation
MAPC2
Addr. 0x01; bit 4
R
0
EC2 is 0 at the precise reading moment
1
EC2 is 1 at the precise reading moment
Table 83: EC2 pin state
MONC2
Addr. 0x01; bit 5
R
0
EC2 has not been set to 1 since last read
1
EC2 has been set to 1 at least once. Cleared on
read
Table 84: Monitor channel 2
LDKSAT2
Addr. 0x01; bit 6
R
0
Channel 2 LDK saturation voltage not reached.
1
Channel 2 LDK saturation voltage reached at least
once, Cleared on read
Table 85: LDK2 saturation
Measurement registers
TEMP
Addr. 0x02; bit 7:0
R
0x00
Minimum temperature
0xFF
Maximum temperature
Table 86: Chip temperature
ADC1
Addr. 0x03/04; bit 9:0
R
0x000
ADC minimum value
0x3FF
ADC maximum value
Table 87: ADC channel 1
ADC2
Addr. 0x05/06; bit 9:0
R
0x000
ADC minimum value
0x3FF
ADC maximum value
Table 88: ADC channel 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com