Electronic Components Datasheet Search
  English  ▼

X  

IC-HT Datasheet(PDF) 11 Page - IC-Haus GmbH

Part # IC-HT
Description  DUAL CW LASER DIODE DRIVER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-HT Datasheet(HTML) 11 Page - IC-Haus GmbH

Back Button IC-HT Datasheet HTML 7Page - IC-Haus GmbH IC-HT Datasheet HTML 8Page - IC-Haus GmbH IC-HT Datasheet HTML 9Page - IC-Haus GmbH IC-HT Datasheet HTML 10Page - IC-Haus GmbH IC-HT Datasheet HTML 11Page - IC-Haus GmbH IC-HT Datasheet HTML 12Page - IC-Haus GmbH IC-HT Datasheet HTML 13Page - IC-Haus GmbH IC-HT Datasheet HTML 14Page - IC-Haus GmbH IC-HT Datasheet HTML 15Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
prel
imin
ary
prel
imin
ary
iC-HT
DUAL CW LASER DIODE DRIVER
Rev A1, Page 11/42
iC-WK MODE
Setting pin EMC = lo configures iC-HT for iC-WK
mode.
In iC-WK mode both channels operate in APC mode.
The internal programmable logarithmic monitor resis-
tors are disabled, therefore connection of external re-
sistors at pins MDAx is required.
The APC reference can be set to two different val-
ues by means of pin INS/WKR, as it is explained in
table 5, and the overcurrent threshold is set to its max-
imum value of 750 mA (cf. Electrical Characteristics
No. 107). In case of overcurrent, the respective chan-
nel is disabled. For re-enabling the channel, the corre-
sponding ECx pin must be set lo and then back hi.
Reference Voltage in iC-WK mode
INS/WKR
Reference
Voltage
similar to
Lo
0.25 V
iC-WKM
Hi
0.5 V
iC-WK, iC-WKL,
iC-WKN
Table 5: Reference selection (cf. Electrical Character-
istics No. 110 )
External CI capacitors must be added in this opera-
tion mode at pins CIx and CILx. Figure 1 shows an
example in iC-WK mode using an N-type laser diode,
where 0.5 V reference is selected. Figure 2 presents
the same configuration with an M-type laser diode.
WATCHDOG
TIMER
OSCILLATOR
LASER
CONTROL
0.25V/0.5V
0x17
RMD2(7:0)
INTEGRITY
RAM
0x13
ILIM1(7:0)
R
PODO
OVT
MEMERR
IO DRIVERS
CFGTIMO
1μF
0x10
0x03
ADC1(9:8)
0x04
REGISTERS
ADC1(7:0)
0x05
ADC2(9:8)
0x06
ADC2(7:0)
ADCC1(2:0)
0x10
0x1F
0x30
0x3F
1μF
..10 nF..
VDD REGULATOR
LASER CHANNEL 2
DUAL CW LASER DIODE DRIVER
RM1
RM2
ACC
APC
REF2(7:0)
WATCHDOG
RAM
10 Bit
A
D
8 Bit
A
D
0x02
TEMP(7:0)
0x11
LASER CHANNEL 1
REF1(9:8)
0x14
REF1(7:0)
0x12
RMD1(7:0)
0x16
ILIM2(7:0)
0x18
REF2(9:8)
0x19
0
255
PLR
8 Bit
..10 nF..
TEMPERATURE
MONITOR 8 Bit
CHECK
VB UNDERVOLTAGE
VDD UNDERVOLTAGE
OVC
SPI/I2C
SLAVE
+
-
N
..750mA
CI2
+
-
N
..750mA
CI1
CVDD
CVB
OVC
AGND1
GND
2.8...8V
VB
SCLK/SCL
LDK1
CIL1
VDD
GND
REF
NCHK
Check
VB
MRL2
MDA2
AGND2
CIL2
CI2
LDK2
DCO
EC2
EMC
NCS/A1
MOSI/A0
MISO/SDA
INS/WKR
NSTBY
EC1
T.PAD
CI1
MDA1
MRL1
N
..750mA
CI1
N
..750mA
CI2
CVDD
CVB
Figure 1: iC-HT in iC-WK mode with N-type laser diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com