Electronic Components Datasheet Search
  English  ▼

X  

75LOKWHT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  75LOKWHT Datasheet HTML 1Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 2Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 3Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 4Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 5Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 6Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 7Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 8Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
www.andersonpower.com - 1 -
All Data Subject To Change Without Notice
SECTION 1
• Index & Product Selector .............................. 1
• Technical Reference ..................................... 4
• Glossary ........................................................ 10
• Engineering Reference ................................. 12
SECTION 2
• Powerpole® Connectors ............................... 16
- PP15 to PP45 ....................................... 20
- Powerpole® Pak .................................... 23
- Powerpole® PP75 ................................. 30
- Powerpole® PP120 ............................... 36
- Powerpole® PP180 ............................... 39
SECTION 3
• Multipole Connectors ....................................... 44
- SBS® ................................................... 49
- SB®50 ................................................. 57
- SB®120 ............................................... 62
- SB®175 ............................................... 66
- SB®350 ............................................... 71
- SBE®80 / SBO®60 ............................... 77
- SBE®160 / SBX®175 ........................... 82
- SBE®320 / SBX®350 ........................... 88
SECTION 4
• Tooling ......................................................... 95
SECTION 5
• Part Number Page Reference ..................... 101
Powerpole® Connector Family
Multipole Connector Family
Page Number
16
44
Amps (UL) Per Pole
Up to 350
Up to 450
Volts (UL) Per Pole
Up to 600
Up to 600
Wire Gauge (AWG)
20 - 3/0
16 - 300 mcm
Wire Gauge (mm²)
0.5 - 85.0
1.3 - 152
Number of Power Circuits
1 / Stackable
2 - 3 / Not Stackable
Ground
●
●
Auxiliary
●
PCB Mount
●
●
Bus Bar
●
●
Panel Mount
●
●
Blind Mate
●
Hot Plug
●
●
Touch Safe
●
●
Strain Relief
●
●
Polarized Housing
●
●
Mechanically Keyed
●
Latching
●
Handle
●
Air Supply System
●



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com