Electronic Components Datasheet Search
  English  ▼

X  

75LOKWHT Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 87Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 88Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 89Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 90Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 91Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 92Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 93Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 94Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 108 page
background image
www.andersonpower.com - 89 -
All Data Subject To Change Without Notice
| SBE®320 / SBX®350 CONNECTOR SPECIFICATIONS |
Electrical
Current Rating Amperes¹
SBX350
SBE320
Primary Power (300 mcm)
350
320
Powerpole® Auxiliary (12 AWG)
20
20
1x4 Auxiliary (12 AWG)
20
20
PPMX Auxiliary (20 AWG)
7 UL
5 CSA
Voltage Rating AC/DC
UL 1977
EN1175-1
Primary Power
600
1504
Powerpole® Auxiliary
600
1504
1x4 Auxiliary
200
PPMX Auxiliary
300
Dielectric Withstanding Voltage Primary Power
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms¹
2 1/2” of 300mcm wire
0.050
UL Hot Plug Current Rating Amperes - 250 cycles at 120V DC
Power
100A
Powerpole® Auxiliary
30A
1x4 Auxiliary
5A
Mechanical
Wire Size Range
AWG
mm²
Power Contacts
1/0 to 300 mcm 53.5 to 152
Auxiliary Contacts
24 to 10
0.25 to 5.3
Max. Wire Insulation Diameter
in.
mm
Power Contacts
0.440
11.200
Powerpole® Auxiliary
0.175
4.450
1x4 Auxiliary
0.140
3.600
Operating Temperature²
°F
°C
SBX and SBE Housings
-4° to 221°
-20° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Gold (Au)
Power Contacts
10,000
Powerpole® Auxiliary
10,000
1x4 Auxiliary
10,000
PPMX Auxiliary
5,000
Avg. Mating / Unmating Force
Lbf.
N
Main Connnector Housing
55
245
Per Powerpole®
5.00
22.00
Per Contact in 1x4 Auxiliary
0.70
3.00
Per PPMX Housing
4.50
20.00
Min. Contact / Spring Retention Force Lbf.
N
Power Standard Housing
150
667.2
Powerpole® Housing
25
111
1x4 Auxiliary Housing
10
44.5
PPMX Housing
12
53
Materials
Housing
SBX® and Powerpole® Plastic Resin Polycarbonate
SBE® and 1x4 Auxiliary Housing
Polycarbonate / PBT blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Power & Powerpole® Contact
Silver Plated Copper Alloy
1x4 Auxiliary Contacts
Pin
Copper alloy, Au over Ni
Socket
BeCu, Au over Ni
Socket Body
Copper alloy, Sn bright over Ni
Retention Clip
Stainless Steel
PPMX Contacts
Gold Plated Copper Alloy
Contact Termination Methods
Crimp³
Hand Solder
SBE®320 DIN Standard Silver Plated Primary Power Wire Contacts
Crimp barrel O.D. are compliant with DIN standard tooling. Will also fit into SBX®350 housings. Not recommended
for cross mating with above typical contacts for SBE® & SBX®.
Dimensions
Loose Piece
- A -
- B -
- C -
- D -
AWG mm²
----- Part Numbers -----
inches mm
inches mm
inches mm
inches mm
Minimum Quantity ...
200
50
...............................................................................................................
3/0
95
1341G3-BK
1341G3
2.89
73.41
0.78
19.81
0.59
14.99
0.94
23.88
2/0
70
1341G2-BK
1341G2
2.74
69.60
0.68
17.27
0.51
12.95
0.79
20.07
1/0
50
1341G1-BK
1341G1
2.65
67.31
0.57
14.48
0.43
10.92
0.79
20.07
[ 20.6 ]
0.81
B
A
D
C
Protection
Touch Safety Main Connector Housing
IEC 60950 SBE®320 Only
Pass
IEC 60529 SBE®320 & SBX®350
IP20
¹ Based on: 105°C rated or better cable of the largest size, Properly
calibrated APP® recommended tooling, and a 25°C ambient temperature. UL
rating not to exceed the maximum operating temperature. CSA rating below
a 30°C temperature rise.
² Limited by the thermal properties of the connector plastic housing.
³ Use APP® recommended tooling only. Alternate tools may adversely affect
the performance of our connectors along with UL and CSA recognition.
4
Voltage capability of SBE® housings is identical to SBX®, but derated to
meet EN1175-1 requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com