Electronic Components Datasheet Search
  English  ▼

X  

75LOKWHT Datasheet(PDF) 89 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 89 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 85Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 86Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 87Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 88Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 89Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 90Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 91Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 92Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 93Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
www.andersonpower.com - 87 -
All Data Subject To Change Without Notice
A
B
Use cable ties to secure auxiliary
contact leads to one of the main cables.
Retaining Pins
Male Dovetail
Powerpole®
Housings With
Crimped Contacts.
Open Position
Charger / Truck
Bracket & Handle
Battery Bracket
ID
[ 25.4 ]
1.00
Wire Entrance
[ 21.3 ]
0.84
Wire Entrance
[ 5.8 ]
0.23
Retaining Pins
Retaining pins are used to hold accessories in the auxiliary port in SBE®, SBO®, & SBX® housings. Dimension
“B” is +/- 0.015 in or 0.38 mm.
Dimensions
- A -
- B -
Description
--- Part Numbers ---
inches
mm
inches mm
Minimum Quantity ................
1,000
100
.............................................................................
For SBE®160 & SBX®175
110G9-BK
110G9
0.093 / 0.103
2.36 / 2.62
1.000 38.100
Zip Cable Straps
Zip cable straps are used to secure auxiliary wires to the side of the main power cables.
Description
- Part Number -
Minimum Quantity ..
1,000 .....
White
H1835P3
Manual Release - Battery Side
Works with the Charger / Truck side to ease mating
and unmating connectors.
Description
---- Part Numbers ----
Minimum Quantity .............
88
25 ...
Bracket and Hardware Kit
-
993G2
Battery Bracket Only
111961P2
-
Hardware Bag
-
105G1
Manual Release - Charger / Truck Side
Works with the Battery side to ease mating and unmating connectors.
Description
------ Part Numbers ------
Minimum Quantity .............
60
25 ...
Bracket and Hardware Kit
-
994G2
Bracket / Lever Only
B00511G2
-
Hardware Bag
-
105G1
Reducing Bushings: for Use with Contact # 6384G1
Use with contact part number 6384G1-BK to allow a smaller wire to be used with the
connector. Electrical capability is derated with smaller wire.
Dimensions
- ID -
Contacts Barrel Size Wire Size
---------------- Part Numbers ----------------
inches mm
Minimum Quantity ..................................................
1,500
1,000
500
100
........................
1/0 AWG [53.5 mm²]
#1 AWG [42.4 mm²]
-
-
5687-BK 5687
0.39
9.91
1/0 AWG [53.5 mm²]
#2 AWG [33.6 mm²]
5690-BK
-
-
5690
0.34
8.64
1/0 AWG [53.5 mm²]
#4 AWG [21.2 mm²]
-
5693-BK
-
5693
0.27
6.86
1/0 AWG [53.5 mm²]
#6 AWG [13.3 mm²]
-
5663-BK
-
5663
0.22
5.59
1/0 AWG [53.5 mm²]
#10 - 8 AWG [5.3 - 8.4 mm²] 5648-BK
-
-
5648
0.19
4.83
Reducing Bushings: for Use with Contact # 6384G2
Use with contact part number 6384G2-BK to allow a smaller wire to be
used with the connector. Electrical capability is derated with smaller wire.
Contact Barrel Size
Wire Size
------ Part Numbers -------
Minimum Quantity ........................
1,000
100 ...........
35 mm²
16 mm²
5920-BK
5920



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com