Electronic Components Datasheet Search
  English  ▼

X  

75LOKWHT Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 65Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 66Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 67Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 68Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 69Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 70Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 71Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 72Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
www.andersonpower.com - 67 -
All Data Subject To Change Without Notice
SB®175 3 Pole Housings & Hardware
A three pole version of the standard SB®175 housing has
a two piece housing with springs and hardware. Useful for
DC 2 wire plus ground and AC single phase applications.
Voltage
Color
Description
Code
--- Part Numbers ---
Minimum Quantity .......................................
100
25 ....
Gray Housing and Hardware Kit 36V
-
902
Gray Housing Top Half
-
2-5048
-
Gray Housing Bottom Half
-
2-5049
-
Hardware Kit
-
-
110G34
SB®175 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles.
Dimensions
Mating
Loose Piece
- A -
- B -
- C -
- D -
AWG
mm²
Force
- Part Numbers - inches mm
inches mm
inches mm inches mm
Minimum Quantity ........... 500
50
..........................................................................................................
1/0
53.5
High
1382-BK 1382
2.35
59.69
0.52
13.21
0.44
11.18 1.04
26.42
1
42.4
High
1347-BK 1347
2.35
59.69
0.52
13.21
0.39
9.91 1.04
26.42
2
33.6
High
1383-BK 1383
2.35
59.69
0.52
13.21
0.35
8.89 1.04
26.42
4
21.1
High
1384-BK 1384
2.35
59.69
0.52
13.21
0.30
7.62 1.04
26.42
6
13.3
High
1348-BK 1348
2.10
53.34
0.37
9.40
0.22
5.59 0.80
20.32
SB®175 Silver Plated Busbar Contacts
Provides a quick disconnect input or output busbar connection.
Busbar contacts are for mating with wire contacts only. Part number
180BBS includes lock nuts. Locknuts must be ordered separately
for 180BBS-BK.
Mating
Type
Thread
Force
------ Loose Piece Part Numbers ------
Minimum Quantity .....................
1,000
120
10 ....
Busbar
1/4-20
High
-
180BBS-BK
180BBS
Lock Nut
1/4-20
-
H1216P7
110G56
110G55
[ 12.7 ]
0.50
B
A
D
C
[ 79.4 ]
3.13
[28.6]
1.13
[ 11.7 ]
0.46
[ 6.7 ]
Ø 0.27 (4)
[ 28.6 ]
1.13
[ 82.6 ]
3.25
[ 26.2 ]
1.03
[ 25.4 ]
1.00
Top View
Side View
See Busbar contact drawing on
website for further detail.
B
[ 109.0 ]
4.29
[ 25.4 ]
1.0
[ 12.7 ]
0.5
[ 4.57 ]
0.18
#¼- 20 THD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com