Electronic Components Datasheet Search
  English  ▼

X  

75LOKWHT Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # 75LOKWHT
Description  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 34Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 35Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 36Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 37Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 38Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 39Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 40Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 41Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
www.andersonpower.com
- 36 -
All Data Subject To Change Without Notice
[ 50.8 ]
2.0
[ 21.3 ]
0.84
[ 10.4 ]
0.41
B
A
| PP120 ORDERING INFORMATION |
Powerpole® Connectors
- PP120: up to 240 Amps
PP120 series Powerpole® housings are designed
to accommodate up to 1/0 (50 mm²) wires and handle
high currents up to 240 amps. Reducing bushings allow
PP120 to accept down to #8 (10 mm²) wires. Multiple
colors of stackable housings combine with APP®’s low
resistance flat wiping technology to offer powerful
connection capability.
• Large Wire RangeAccommodates up to 1/0 (50mm²) Wire
Reducing bushings allow as small as #8 (10 mm²) wire to be used
• Low Resistance Silver Plated Copper Contacts
Allows currents up to 240 amps
• UL Rated for Hot Plugging up to 60 Amps
Great for battery or other applications where the ability to
interrupt circuits is required
PP120 Housings
The second to largest Powerpole® housing can be used with
wire contacts for up to 1/0 AWG [50mm²] or busbar contacts.
Description
-------- Part Numbers --------
Minimum Quantity ...
500
50
.......
Red
1321G3-BK
1321G3
Green
1321G4-BK
1321G4
Black
1321G1-BK
1321G1
White
1321G2-BK
1321G2
Blue
1321-BK
1321
Gray
1321G8-BK
1321G8
PP120 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles.
New contacts for #1 to 1/0 AWG (35 to 50 mm²) offer extended capability in the same housings.
Mating
- A -
- B -
AWG mm²
Force
-------- Loose Piece Part Numbers --------
inches mm
inches mm
Minimum Quantity ........
600
500
50
....................................................
1/0
53.5
Low
1323G2-BK
-
1323G2
0.52
13.21 0.44
11.18
1
42.4
Low
1323G1-BK
-
1323G1
0.47
11.94 0.39
9.91
2
33.6
Low
-
6811G6-BK 6811G6
0.44
11.18 0.22
5.59
2
33.6
High
-
1319-BK
1319
0.44
11.18 0.22
5.59
4
21.1
Low
-
6811G5-BK 6811G5
0.44
11.18 0.30
7.62
4
21.1
High
-
1319G4-BK 1319G4
0.44
11.18 0.30
7.62
6
13.3
Low
-
6811G4-BK 6811G4
0.44
11.18 0.34
8.64
6
13.3
High
-
1319G6-BK 1319G6
0.44
11.18 0.34
8.64
[ 69.9 ]
2.75
[ 117.5 ]
4.63
[ 23.7 ]
0.93
[ 22.2 ]
0.88
[ 22.2 ]
0.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com