Electronic Components Datasheet Search
  English  ▼

X  

DMVA4 Datasheet(PDF) 41 Page - Texas Instruments

Part # DMVA4
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA4 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DMVA4 Datasheet HTML 37Page - Texas Instruments DMVA4 Datasheet HTML 38Page - Texas Instruments DMVA4 Datasheet HTML 39Page - Texas Instruments DMVA4 Datasheet HTML 40Page - Texas Instruments DMVA4 Datasheet HTML 41Page - Texas Instruments DMVA4 Datasheet HTML 42Page - Texas Instruments DMVA4 Datasheet HTML 43Page - Texas Instruments DMVA4 Datasheet HTML 44Page - Texas Instruments DMVA4 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 287 page
background image
DMVA3, DMVA4
www.ti.com
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
Table 3-11. Ball Characteristics (AAR Package) (continued)
BALL
PINCNTL
PINCNTL
BALL
MODE
RESET
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
REGISTER NAME
DEFAULT
TYPE [7] DSIS [8]
RESET
POWER [11]
HYS [12]
[6]
REL.
TYPE [13]
AND ADDRESS[4]
VALUE[5]
STATE [9]
STATE [10]
AE4
EMAC[0]_MTXD[3]/
EMAC[0]_MTXD[3]/
PINCNTL253 /
0x0004 0000
0x01
I/O
PIN
L
L
DVDD_RGMII
EMAC[1]_RGTXD[0]
EMAC[1]_RGTXD[0]
0x4814 0BF0
EMAC[1]_RMRXD[1]
0x02
I
PIN
GPMC_A[10]
0x10
O
PIN
AK8
EMAC[0]_MTXD[4]/
EMAC[0]_MTXD[4]/
PINCNTL254 /
0x0004 0000
0x01
I/O
PIN
L
L
DVDD_RGMII
EMAC[1]_RGTXD[2]
EMAC[1]_RGTXD[2]
0x4814 0BF4
EMAC[1]_RMRXER
0x02
I
0
GPMC_A[11]
0x10
O
PIN
AJ8
EMAC[0]_MTXD[5]/
EMAC[0]_MTXD[5]/
PINCNTL255 /
0x0004 0000
0x01
I/O
PIN
L
L
DVDD_RGMII
EMAC[1]_RGTXC
EMAC[1]_RGTXC
0x4814 0BF8
EMAC[1]_RMCRSDV
0x02
I
0
GPMC_A[12]
0x10
O
PIN
UART1_RXD
0x20
I
1
AH8
EMAC[0]_MTXD[6]/
EMAC[0]_MTXD[6]/
PINCNTL256 /
0x0004 0000
0x01
I/O
PIN
L
L
DVDD_RGMII
EMAC[1]_RGRXD[0]
EMAC[1]_RGRXD[0]
0x4814 0BFC
EMAC[1]_RMTXD[0]
0x02
O
PIN
GPMC_A[13]
0x10
O
PIN
UART1_TXD
0x20
O
PIN
AG8
EMAC[0]_MTXD[7]/
EMAC[0]_MTXD[7]/
PINCNTL257 /
0x0004 0000
0x01
I/O
PIN
L
L
DVDD_RGMII
EMAC[1]_RGTXD[3]
EMAC[1]_RGTXD[3]
0x4814 0C00
EMAC[1]_RMTXD[1]
0x02
O
PIN
GPMC_A[14]
0x10
O
PIN
UART1_CTS
0x20
I/O
1
AF8
EMAC[0]_MTXEN/
EMAC[0]_MTXEN/
PINCNTL258 /
0x0004 0000
0x01
I/O
PIN
L
L
DVDD_RGMII
EMAC[1]_RGRXD[2]
EMAC[1]_RGRXD[2]
0x4814 0C04
EMAC[1]_RMTXEN
0x02
O
PIN
GPMC_A[15]
0x10
O
PIN
UART1_RTS
0x20
O
PIN
AG1
EMAC_RMREFCLK
EMAC_RMREFCLK
PINCNTL232 /
0x0004 0000
0x01
I/O
PIN
L
L
DVDD_RGMII
0x4814 0B9C
TIM2_IO
0x40
I/O
PIN
GP1[10]
0x80
I/O
PIN
A18
EMU0
EMU0
NA /
NA
0x01
I/O
NA
H
H
DVDD
NA
B19
EMU1
EMU1
NA /
NA
0x01
I/O
NA
H
H
DVDD
NA
M1
GPMC_A[16]
GPMC_A[16]
PINCNTL105 /
0x0004 0000
0x01
O
PIN
L
L
DVDD_GPMC
0x4814 09A0
GP2[5]
0x80
I/O
PIN
M2
GPMC_A[17]
GPMC_A[17]
PINCNTL106 /
0x0004 0000
0x01
O
PIN
L
L
DVDD_GPMC
0x4814 09A4
GP2[6]
0x80
I/O
PIN
Copyright © 2013, Texas Instruments Incorporated
Device Pins
41
Submit Documentation Feedback
Product Folder Links: DMVA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com