Electronic Components Datasheet Search
  English  ▼

X  

DMVA4 Datasheet(PDF) 71 Page - Texas Instruments

Part # DMVA4
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA4 Datasheet(HTML) 71 Page - Texas Instruments

Back Button DMVA4 Datasheet HTML 67Page - Texas Instruments DMVA4 Datasheet HTML 68Page - Texas Instruments DMVA4 Datasheet HTML 69Page - Texas Instruments DMVA4 Datasheet HTML 70Page - Texas Instruments DMVA4 Datasheet HTML 71Page - Texas Instruments DMVA4 Datasheet HTML 72Page - Texas Instruments DMVA4 Datasheet HTML 73Page - Texas Instruments DMVA4 Datasheet HTML 74Page - Texas Instruments DMVA4 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 287 page
background image
DMVA3, DMVA4
www.ti.com
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
Table 3-17. DDR2/DDR3/DDR3L Memory Controller 0 Terminal Functions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
DDR[0]_D[21]
DDR[0] Data Bus
I/O
AG16
DDR[0]_D[22]
DDR[0] Data Bus
I/O
AD16
DDR[0]_D[23]
DDR[0] Data Bus
I/O
AC16
DDR[0]_D[24]
DDR[0] Data Bus
I/O
AK19
DDR[0]_D[25]
DDR[0] Data Bus
I/O
AJ19
DDR[0]_D[26]
DDR[0] Data Bus
I/O
AH19
DDR[0]_D[27]
DDR[0] Data Bus
I/O
AF19
DDR[0]_D[28]
DDR[0] Data Bus
I/O
AD19
DDR[0]_D[29]
DDR[0] Data Bus
I/O
AC19
DDR[0]_D[30]
DDR[0] Data Bus
I/O
AJ20
DDR[0]_D[31]
DDR[0] Data Bus
I/O
AG20
DDR[0]_DQM[0]
Data Mask for lower byte data bus DDR[0]_D[7:0]
O
AL8
DDR[0]_DQM[1]
Data Mask for DDR[0]_D[15:8]
O
AK12
DDR[0]_DQM[2]
Data Mask for DDR[0]_D[23:16]
O
AJ15
DDR[0]_DQM[3]
Data Mask for upper byte data bus DDR[0]_D[31:24]
O
AK18
DDR[0]_DQS[0]
Data Strobe for lower byte data bus DDR[0]_D[7:0]
I/O
AL11
DDR[0]_DQS[0]
Complimentary data strobe for lower byte data bus
I/O
AK11
DDR[0]_D[7:0]
DDR[0]_DQS[1]
Complimentary data strobe for DDR[0]_D[15:8]
I/O
AK15
DDR[0]_DQS[1]
Data Strobe for DDR[0]_D[15:8]
I/O
AL15
DDR[0]_DQS[2]
Data Strobe for DDR[0]_D[23:16]
I/O
AL17
DDR[0]_DQS[2]
Complimentary data strobe for DDR[0]_D[23:16]
I/O
AK17
DDR[0]_DQS[3]
Complimentary data strobe for upper byte data bus
I/O
AK20
DDR[0]_D[31:24]
DDR[0]_DQS[3]
Data Strobe for upper byte data bus DDR[0]_D[31:24]
I/O
AL20
DDR[0]_ODT[0]
DDR[0] On-Die Termination for Chip Select 0
O
AL21
DDR[0]_RAS
DDR[0] Row Address Strobe output
O
AJ25
DDR[0]_RST
DDR[0] Reset output
O
AA20
DDR[0]_VTP
DDR VTP Compensation Resistor Connection
I
AL30
DDR[0]_WE
DDR[0] Write Enable
O
AL26
Copyright © 2013, Texas Instruments Incorporated
Device Pins
71
Submit Documentation Feedback
Product Folder Links: DMVA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com