Electronic Components Datasheet Search
  English  ▼

X  

DMVA4 Datasheet(PDF) 12 Page - Texas Instruments

Part # DMVA4
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA4 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DMVA4 Datasheet HTML 8Page - Texas Instruments DMVA4 Datasheet HTML 9Page - Texas Instruments DMVA4 Datasheet HTML 10Page - Texas Instruments DMVA4 Datasheet HTML 11Page - Texas Instruments DMVA4 Datasheet HTML 12Page - Texas Instruments DMVA4 Datasheet HTML 13Page - Texas Instruments DMVA4 Datasheet HTML 14Page - Texas Instruments DMVA4 Datasheet HTML 15Page - Texas Instruments DMVA4 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 287 page
background image
DMVA3, DMVA4
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
www.ti.com
2.5
Media Controller Overview
The Media Controller has the responsibility of managing the HDVPSS, HDVICP2, and ISS modules.
2.6
HDVICP2 Overview
The HDVICP2 is a Video Encoder/Decoder hardware accelerator supporting a range of encode, decode,
and transcode operations for most major video codec standards. The main video Codec standards
supported in hardware are MPEG1/2/4 ASP/SP, H.264 BL/MP/HP, VC-1 SP/MP/AP, RV9/10, AVS-1.0,
and ON2 VP6.2/VP7.
Supports up to 4K x 2K @ 15fps, 12Mpixels @ 10fps, 20Mpixels @ 6fps, and so on.
The HDVICP2 hardware accelerator is composed of the following elements:
•
Motion estimation acceleration engine
•
Loop filter acceleration engine
•
Sequencer, including its memories and an interrupt controller
•
Intra-prediction estimation engine
•
Calculation engine
•
Motion compensation engine
•
Entropy coder/decoder
•
Video Direct Memory Access (DMA)
•
Synchronization boxes
•
Shared L2 controller
•
Local interconnect
2.7
Face Detect (FD) Overview
The device Face Detection (FD) module performs face detection and tracking within a picture stored in
memory. This module is typically used for video encoding, face-based priority auto-focusing, or red-eye
removal. The FD module supports QVGA resolution inputs stored in DRR memory in 8-bit Luma format. In
addition, it uses 51.25KB of DDR for its working memory.
The FD module supports the following features:
•
Input image:
–
QVGA Input Image Size (H x V = 320 x 240)
–
8-bit Gray Scale Data (0x00 = Black and 0xFF = White)
12
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DMVA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com