Electronic Components Datasheet Search
  English  ▼

X  

DMVA4 Datasheet(PDF) 79 Page - Texas Instruments

Part # DMVA4
Description  DMVA3 and DMVA4 DaVinc Digital Media Processor
PDF  287 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DMVA4 Datasheet(HTML) 79 Page - Texas Instruments

Back Button DMVA4 Datasheet HTML 75Page - Texas Instruments DMVA4 Datasheet HTML 76Page - Texas Instruments DMVA4 Datasheet HTML 77Page - Texas Instruments DMVA4 Datasheet HTML 78Page - Texas Instruments DMVA4 Datasheet HTML 79Page - Texas Instruments DMVA4 Datasheet HTML 80Page - Texas Instruments DMVA4 Datasheet HTML 81Page - Texas Instruments DMVA4 Datasheet HTML 82Page - Texas Instruments DMVA4 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 287 page
background image
DMVA3, DMVA4
www.ti.com
SPRS872B – MAY 2013 – REVISED DECEMBER 2013
Table 3-24. GP2 Terminal Functions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
GP2[19]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
F13
GP2[20]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
H13
GP2[21]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C20
GP2[22]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
F24
GP2[23]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
D21
GP2[24]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C25
GP2[25]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C26
GP2[26]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
C28
GP2[27]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
B28
GP2[28]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
D3
GP2[29]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
E2
GP2[30]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
F5
GP2[31]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
F1
3.3.10.4 GP3
Table 3-25. GP3 Terminal Functions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
AAR BALL [4]
GP3[0]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
F2
GP3[1]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
F3
GP3[2]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
G1
GP3[3]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
G2
GP3[4]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
H3
GP3[5]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
G3
GP3[6]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
H5
GP3[7]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
H6
GP3[8]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
J8
GP3[9]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
J1
GP3[10]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
H4
GP3[11]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
J9
GP3[12]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
L3
GP3[13]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
K1
GP3[14]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
H2
GP3[15]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
M11
GP3[16]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
L12
GP3[17]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
M10
GP3[18]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
J2
GP3[19]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
K2
GP3[20]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
L2
GP3[21]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
L4
GP3[22]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
L6
GP3[23]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AG4
GP3[24]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AH1
GP3[25]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AH2
GP3[26]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AJ2
GP3[27]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AK1
GP3[28]
Interrupt-Capable General-Purpose Input/Output (I/O)
I/O
AK2
Copyright © 2013, Texas Instruments Incorporated
Device Pins
79
Submit Documentation Feedback
Product Folder Links: DMVA3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com