Electronic Components Datasheet Search
  English  ▼

X  

APA300 Datasheet(PDF) 29 Page - Actel Corporation

Part # APA300
Description  ProASICPLUS짰 Flash Family FPGAs
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA300 Datasheet(HTML) 29 Page - Actel Corporation

Back Button APA300 Datasheet HTML 25Page - Actel Corporation APA300 Datasheet HTML 26Page - Actel Corporation APA300 Datasheet HTML 27Page - Actel Corporation APA300 Datasheet HTML 28Page - Actel Corporation APA300 Datasheet HTML 29Page - Actel Corporation APA300 Datasheet HTML 30Page - Actel Corporation APA300 Datasheet HTML 31Page - Actel Corporation APA300 Datasheet HTML 32Page - Actel Corporation APA300 Datasheet HTML 33Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 178 page
background image
ProASICPLUS Flash Family FPGAs
v5.9
2-19
PLL I/O Constraints
PLL locking is guaranteed only when the following constraints are followed:
Table 2-10 • PLL I/O Constraints
TJ –40°C
Value TJ > –40°C
I/O Type
PLL locking is guaranteed only when using low drive strength and
low slew rate I/O. PLL locking may be inconsistent when using high
drive strength or high slew rate I/Os
No Constraints
SSO
APA300
Hermetic packages
8 SSO
With FIN
180 MHz and
outputs
switching
simultaneously
Plastic packages
16 SSO
APA600
Hermetic packages
16 SSO
Plastic packages
32 SSO
APA1000
Hermetic packages
16 SSO
Plastic packages
32 SSO
APA300
Hermetic packages
12 SSO
With FIN
50 MHz and half
outputs switching on positive
clock edge, half switching on
the negative clock edge no less
than 10 ns later
Plastic packages
20 SSO
APA600
Hermetic packages
32 SSO
Plastic packages
64 SSO
APA1000
Hermetic packages
32 SSO
Plastic packages
64 SSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com