Electronic Components Datasheet Search
  English  ▼

X  

HR2000 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # HR2000
Description  Fluorescent Lamp HB Driver with PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR2000 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button HR2000 Datasheet HTML 12Page - Monolithic Power Systems HR2000 Datasheet HTML 13Page - Monolithic Power Systems HR2000 Datasheet HTML 14Page - Monolithic Power Systems HR2000 Datasheet HTML 15Page - Monolithic Power Systems HR2000 Datasheet HTML 16Page - Monolithic Power Systems HR2000 Datasheet HTML 17Page - Monolithic Power Systems HR2000 Datasheet HTML 18Page - Monolithic Power Systems HR2000 Datasheet HTML 19Page - Monolithic Power Systems HR2000 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
HR2000 — FLUORESCENT LAMP HB DRIVER WITH PFC
HR2000 Rev. 1.0
www.MonolithicPower.com
18
2/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
CP
REF
preheat
C
R
T
600
(ms)
100nF
51k
=
×
×
Ω
CP
REF
ignition
C
R
T
562
(ms)
100nF
51k
=
×
×
Ω
Setting the Preheat Current Limitation
In the preheat stage, the CS pin limits the
preheat current through the filament of the FL.
The preheat current is limited by setting the
sense resistor on CS pin (R202 in figure 1)
through:
CS(pre)
preheat _ pk
CS
V
I
R
=
Where the
VCS(pre)=410mV is the threshold
voltage of CS pin to limit the preheat current.
If using the filament transformer for preheating,
this CS pin function will limit the resonant current
in the preheat stage.
The over current limitation function on CS pin
limits the ignition voltage or ignition current in the
ignition
state
and
any
exceeded
output
current/power condition. Add a diode (D203 in
figure 1) like 1N4148 in parallel with the sense
resistor and a 1k resistor (R203 in figure 1)
between the CS pin and the current sense
resistor to limit the negative voltage on CS pin.
Design the PFC Inductor
The HR2000 operates the PFC in boundary
conduction mode (BCM) with on-time (Ton)
control. The frequency of the PFC stage is
variable. The design of the PFC inductor relates
to the output power, the range of the input AC
voltage and the desired minimum operating
frequency. It is also limited by the maximum turn
on time of HR2000. The maximum peak current
through this inductor is:
o _ max
L _ pk _ max
in _ min_ RMS
2 2P
I
V
=
η ×
Where ηis the efficiency of the PFC stage,
usually in range of 0.95 to 0.98.
The maximum turn on time of the PFC MOSFET
occurs at the minimum AC input voltage:
L _ pk _ max
o _ max
on _ max
2
in _ min_ RMS
in _ min_ RMS
L I
L 2P
T
V
2V
×
×
=
=
η ×
Then the inductor is restricted by the maximum
on time limit of IC:
2
in _ min_ RMS
on _ limit
o _ max
V
T
L
2P
η ×
×
≤
Where Ton_limit is the IC’s limit for maximum on
time, design its value with 20µs.
The minimum operating frequency occurs at the
minimum AC input voltage or the maximum AC
input voltage.
in _ min_ RMS
o
in _ min_ RMS
in _ max_ RMS
o
in _ max_ RMS
min
o
L _ pk _ max
o
L _ pk _ max
2V
(V
2V
)
2V
(V
2V
)
f
min(
,
)
L V
I
L V
I
×
−
×
−
=
×
×
×
×
For most of the specifications, such as the
universal input (85VAC to 265VAC) and 400V
PFC output, the minimum frequency occurs at
the maximum AC input voltage.
Design the inductor value with the desired
minimum operating frequency, and it should be in
the restricted range by the IC’s limit of the
maximum on time.
Application Example
This application example introduces the design of
a 16W FL based on HR2000. It requires the PF
(power factor) over 0.9. The boost PFC stage
and resonant half bridge power structure is used
for this FL driver. The integrated PFC control and
half bridge driver of HR2000 fits for this type of
application well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com