Electronic Components Datasheet Search
  English  ▼

X  

HR2000 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # HR2000
Description  Fluorescent Lamp HB Driver with PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR2000 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button HR2000 Datasheet HTML 12Page - Monolithic Power Systems HR2000 Datasheet HTML 13Page - Monolithic Power Systems HR2000 Datasheet HTML 14Page - Monolithic Power Systems HR2000 Datasheet HTML 15Page - Monolithic Power Systems HR2000 Datasheet HTML 16Page - Monolithic Power Systems HR2000 Datasheet HTML 17Page - Monolithic Power Systems HR2000 Datasheet HTML 18Page - Monolithic Power Systems HR2000 Datasheet HTML 19Page - Monolithic Power Systems HR2000 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
HR2000 — FLUORESCENT LAMP HB DRIVER WITH PFC
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
HR2000 Rev. 1.0
www.MonolithicPower.com
20
2/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
SOIC16
0.016(0.41)
0.050(1.27)
0
o
-8
o
DETAIL
"A"
0.010(0.25)
0.020(0.50)
x
45
o
SEE
DETAIL
"A"
0.0075(0.19)
0.0098(0.25)
0.150
(3.80)
0.157
(4.00)
PIN
1
ID
0.050(1.27)
BSC
0.013(0.33)
0.020(0.51)
SEATING
PLANE
0.004(0.10)
0.010(0.25)
0.386(
9.80)
0.394(10.00)
0.053(1.35)
0.069(1.75)
TOP
VIEW
FRONT
VIEW
0.228
(5.80)
0.244
(6.20)
SIDE
VIEW
1
8
16
9
RECOMMENDED
LAND
PATTERN
0.213
(5.40)
0.063
(1.60)
0.050(1.27)
0.024(0.61)
NOTE:
1)
CONTROL
DIMENSION
IS
IN
INCHES.
DIMENSION
IN
BRACKET
IS
IN
MILLIMETERS.
2)
PACKAGE
LENGTH
DOES
NOT
INCLUDE
MOLD
FLASH,
PROTRUSIONS
OR
GATE
BURRS.
3)
PACKAGE
WIDTH
DOES
NOT
INCLUDE
INTERLEAD
FLASH
OR
PROTRUSIONS.
4)
LEAD
COPLANARITY
(BOTTOM
OF
LEADS
AFTER
FORMING)
SHALL
BE
0.004"
INCHES
MAX.
5)
DRAWING
CONFORMS
TO
JEDEC
MS-012,
VARIATION
AC.
6)
DRAWING
IS
NOT
TO
SCALE.
0.010(0.25)
BSC
GAUGE
PLANE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com