Electronic Components Datasheet Search
  English  ▼

X  

HR2000 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # HR2000
Description  Fluorescent Lamp HB Driver with PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR2000 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button HR2000 Datasheet HTML 12Page - Monolithic Power Systems HR2000 Datasheet HTML 13Page - Monolithic Power Systems HR2000 Datasheet HTML 14Page - Monolithic Power Systems HR2000 Datasheet HTML 15Page - Monolithic Power Systems HR2000 Datasheet HTML 16Page - Monolithic Power Systems HR2000 Datasheet HTML 17Page - Monolithic Power Systems HR2000 Datasheet HTML 18Page - Monolithic Power Systems HR2000 Datasheet HTML 19Page - Monolithic Power Systems HR2000 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
HR2000 — FLUORESCENT LAMP HB DRIVER WITH PFC
HR2000 Rev. 1.0
www.MonolithicPower.com
17
2/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
PFC Part
Setting the PFC Output Voltage
The Vo pin is used to set the PFC output voltage.
Connect a resistor (R105, R106, R107 in figure 1)
between the PFC output and Vo pin, its value is
set by:
O _ PFC
PFC _ OUT
VO(REF)
V
2V
R
I
−
=
Where Ivo(ref)=102µA is the reference sink current
through Vo pin.
Connect a capacitor in range of 0.47µF to 10µF
(C103 in figure 1) or a R-C-C network from Vo
pin to GND to compensate the PFC regulation
loop.
Setting the Over Voltage and Over Current
Protection
The OVC pin is used for the over voltage and
over current protection for the PFC stage.
Connect this pin to the voltage divider (R108,
R109, R110 and R102 in figure 1) of the PFC
output to set the over voltage protection point.
OV _ H
o _ PFC _ pro
OV _ L
OVC(ref )
R
V
R
V
=
Where VOVC(ref)=1.26V is the OVC protection
threshold voltage, and Vo_PFC_pro is protection
point of the PFC output voltage. ROV_H is the
upper side resistor of the divider and ROV_L is the
low side resistor of the voltage divider.
The over current protection senses the peak
current through the PFC MOSFET. the sensing
resistor (R101 in figure 1) is set by:
OVC(ref )
f _ diode
oc
oc
V
V
R
I
+
=
Where Vf_diode≈0.7V is the forward voltage of the
diode (D107 in figure 1), and Ioc is the over
current protection point.
Setting the ZCD Detection
An auxiliary winding of the PFC inductor is used
to sense the voltage across the inductor to
indicate the zero inductor current condition. Set
the turn ratio of the auxiliary winding large
enough to make sure the reflected voltage across
the auxiliary winding is higher than the ZCD
reference voltage Vzcdref. Usually, setting the
reflected ZCD voltage at around 5V at maximum
input voltage is recommended.
A zener diode is integrated on ZCD pin. Add a
resistor in 10k
to 100k
range between the
auxiliary winding and the ZCD pin to limit the
current sunk into ZCD pin, according to the input
voltage range.
Half Bridge Part
Setting the Oscillator of Half Bridge
The capacitor on CT pin (C201 in figure 1) and
the resistor on REF pin (R201 in figure 1)
determine the bottom operating frequency. The
resistor on REF pin also determines the non-
overlap time of the half bridge.
Estimate the frequency set resistor on REF pin
with the desired non-overlap time:
REF
no
R
T
0.15 1.127
( s)
51k
=
+
×
µ
Ω
Note that the RREF resistor should not exceed the
range in the limiting values.
Choose a proper capacitor on CT pin to set the
bottom operating frequency.
B
REF
int
T
par
0.5
f
2(R
R ) * (C
C
) 300ns
=
+
+
+
Where CT is the capacitor on CT pin, Rint=0.3k
is the internal parasitic resistance on REF pin
and Cpar=5pF is the internal parasitic capacitance
on CT pin. Choose a proper capacitor on CT pin
and then redesign the resistor on REF pin to
make sure the bottom operating frequency is
accurate.
The start up frequency is:
ST
T
par
REF
int
0.5
f
2.5V (C
C
)
300ns
2.5V
35 A
2(R
R )
=
×
+
+
+
µ
+
Setting the Preheat time and Ignition Time
The capacitor on CP/EOL pin (C203) and the
resistor on REF pin determine the preheat time
and ignition time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com