Electronic Components Datasheet Search
  English  ▼

X  

HR2000 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # HR2000
Description  Fluorescent Lamp HB Driver with PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR2000 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button HR2000 Datasheet HTML 12Page - Monolithic Power Systems HR2000 Datasheet HTML 13Page - Monolithic Power Systems HR2000 Datasheet HTML 14Page - Monolithic Power Systems HR2000 Datasheet HTML 15Page - Monolithic Power Systems HR2000 Datasheet HTML 16Page - Monolithic Power Systems HR2000 Datasheet HTML 17Page - Monolithic Power Systems HR2000 Datasheet HTML 18Page - Monolithic Power Systems HR2000 Datasheet HTML 19Page - Monolithic Power Systems HR2000 Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
HR2000 — FLUORESCENT LAMP HB DRIVER WITH PFC
HR2000 Rev. 1.0
www.MonolithicPower.com
19
2/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Specification:
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Supply Voltage
Vin
2 Wire
198
264
VAC
AC Line Frequency
fLINE
47
50
63
Hz
Lamp Voltage
Vlamp
55
Vrms
Lamp Current
Ilamp
0.29
A
Output Lamp Power
Plamp
16
W
Preheat Current
Ipre
0.18
0.3
A
Preheat time
tPre
Rref=51k, CCP=100nF
674
ms
Ignition time
tign
Rref=51k, CCP=100nF
611
ms
Open circuit voltage
Voc
t<te
270
Vrms
Voc
t>te
300
Vrms
Burning mode frequency
frun
44.6
kHz
Efficiency (Full Load)
η
80
%
Line regulation
%
Startup time
tST
1
s
Conducted EMI
Meets EN55015B
Power Factor
90
%
Harmonics
Meets IEC61000-3-2 Class C
Ambient Temperature
TAMB
Free convection, sea level
40
℃
Schematic:
1
2
3
P2
H eader3
L2 6.8m H
ZC D
2
C T
4
C P/EO L
6
SW
11
C S
12
VC C
14
VO
1
G N D
15
OV C
3
FC
5
RE F
7
BST
9
U G
10
LG
13
G ATE
16
Pre/FT
8
U 1
8
L4
2.2m
L3A
L3B
L3C
1
2
3
4
Vbus
1
2
3
4
P1
H eader4
AN T2
AN T1
C AT1
C AT2
G ZC D
G ZC D
fig=63kH z
fb=44.6kH z
fpre=76kH z
Vpre<150V
Vig=300V
VD D
L1 4.7m H
LB1742792040
1M /1%
R 33
12.4k/1%
R 36
1206
TO -92
F1
100nF/275V
C x1
100nF/275V
C x2
D 3
1N 4007
D 4
1N 4007
D 11N 4007
D 8
1N 4007
D 9
1N 4007
100nF/400V
C 6
47k
R 13
D 2 M U R 160
C 1
30
R 19
M 3
AP 03N70I
600V/3A
5.1
R 26
5.1
R 27
1206
1206
D 101N 4148
100
R 25
5.6k
R 32
1nF
C 22
100nF
C 17
C 21
33k
R 21
499k
R 5
499k
R 8
499k
R 14
499k
R 16
G ATE
G ATE
1M /1%
R 1
1M /1%
R 6
1M /1%
R 9
1M /1%
R15
1206
1206
1206
1206
1206
1206
1206
1206
1M /1%
R 35
1M /1%
R 23
100pF
C 10
33nF
C 12
100nF
C 16
C 20
51k/1%
R 22
100
R 34
D 111N 4148
D 13
1N 4148
2.49k
R 28
M 1
AP03N 70I
M 2
AP03N 70I
20
R 18
20
R 17
D 51N 4148
D 7
1N 4148
22pF
C 18
2
1
100nF
C 13
C 4
1206
D 6
BZT52C 12
N S
C 2
100k/0805
R 2
100k/0805
R 3
47k/0805
R 4
1k
R 20
D 14
1N 5819
3.3
R 29
1206
3.3
R 30
3.3
R31
1206
1206
5.1k
R 24
330pF/1kV
C 3
220pF
C 15
220pF
C7
2.2m H
L5
3.3nF
C 11
68nF/400V
C 8
68nF/400V
C 9
43k/1206
R 10
43k/1206
R 11
43k/1206
R 7
4.7nF/1000V
C 5
10nF/400V
C 14
220nF/400V
C 19
1
M 4
AP 4002
N S
R 37
43k/1206
R 12
N p:N aux=264:44
N 1:N 2:N 3=250:10:10
Vbus
D 12M UR 160
Figure 4—HR2000 FL Driver for 16W Lamp
Design Procedure:
Please refer to the application note of HR2000 for the design procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com