Electronic Components Datasheet Search
  English  ▼

X  

HR2000 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # HR2000
Description  Fluorescent Lamp HB Driver with PFC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR2000 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button HR2000 Datasheet HTML 11Page - Monolithic Power Systems HR2000 Datasheet HTML 12Page - Monolithic Power Systems HR2000 Datasheet HTML 13Page - Monolithic Power Systems HR2000 Datasheet HTML 14Page - Monolithic Power Systems HR2000 Datasheet HTML 15Page - Monolithic Power Systems HR2000 Datasheet HTML 16Page - Monolithic Power Systems HR2000 Datasheet HTML 17Page - Monolithic Power Systems HR2000 Datasheet HTML 18Page - Monolithic Power Systems HR2000 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
HR2000 — FLUORESCENT LAMP HB DRIVER WITH PFC
HR2000 Rev. 1.0
www.MonolithicPower.com
15
2/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Preheat State
When Vvcc>Vvcc(start) & VPreFT<Vfault(reset),
HR2000 gets into Preheat state from the start up
state. During this state, Pre/FT pin’s detection
function will be disabled. High voltage will be sent
out in this state.
During this state, CP/EOL pin will disable EOL
detection function and only take the timing
function.
In this state, only CS pin has a current limit
function. If Vcs>Vcs(pre) in a switching period,
the FC pin will be discharged by an internal
current source IFC(disch) cycle-by-cycle. This
controls the working frequency.
Ignition State
Ignition state follows preheat state closely. In this
state, EOL protection and CS(pre) limit are
disabled. FC voltage increases which results in
frequency decreasing. Then the voltage on lamp
gets higher and higher to ignite the lamp.
CP/EOL pin also only takes timing function in this
state. Once preheat state is over, Pre/FT pin is
dropped to Vfault(reset2), and then the detection
function is active. If Pre/FT pin VPreFT>Vfault(ref)
& low side drive is high, then HR2000 will
consider it is fault state.
After
preheat
state,
CS
pin
over
current
protection is active and limits CS voltage (power
stage current).
When Vcs>Vcs(clamp) @ low side drive=high,
the impedance of CS pin will become very small
and a current flows into this pin. The koc of this
current will charge the CT pin to increase
frequency. The low side MOSFET will be turned
off quickly while high side MOSFET will not be
affected. This results in a narrow turn on time of
low side MOSFET and a relatively larger turn on
time of high side MOSFET. This asymmetric
operation of half bridge limits the output power.
Burn state
After ignition state, Burn state is entered. At the
beginning of burn state, CP/EOL pin will be
dropped to the middle level of the EOL detection
window Veol(middle). Then the EOL detection
function is active instead of the timing function.
Voltage on FC pin will continue to increase until it
reaches a clamping level. CS pin over current
protection mentioned in ignition state is still used
to limit CS voltage (power stage current).
Protection
In oscillation state, the half-bridge protection
includes:
EOL protection
Capacitive mode protection
Current limit
VCC low protection
Over temperature protection
EOL protection
‘End of Life’(EOL) protection is enabled after
CP/EOL is dropped to Veol(middle). There is a
window comparator for this protection. If the
voltage
on
CP/EOL
pin
get
out
of
Veol(low)~Veol(high), then the current source
Ifault(ch) will charge the capacitor at Pre/FT pin.
If VPreFT>Vfault(ref), then HR2000 will get into
fault state.
This protection is disabled in PFC Vo-low state.
Capacitive mode protection
The capacitive mode protection is active during
all oscillating states. It is detected by the voltage
on CS at the moment of turning on of low side
MOSFET. If at this moment, Vcs>Vcs(cap), then
capacitive mode is confirmed and FC pin is
discharged at this switching cycle. VFC will
decrease
towards
zero
which
means
the
maximum frequency if the capacitive mode
always exists. If capacitive mode @ fmax is
detected, then Ifault(ch) is actived to charge the
capacitor at Pre/FT pin.
Current limit
The current limit is realized on CS pin. There are
three kinds of limitation on CS pin.
Vcs(pre) in preheat state;
Vcs(clamp) of over current protection function in
oscillating states;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com