Electronic Components Datasheet Search
  English  ▼

X  

MP1493 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1493
Description  3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1493 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1493 Datasheet HTML 8Page - Monolithic Power Systems MP1493 Datasheet HTML 9Page - Monolithic Power Systems MP1493 Datasheet HTML 10Page - Monolithic Power Systems MP1493 Datasheet HTML 11Page - Monolithic Power Systems MP1493 Datasheet HTML 12Page - Monolithic Power Systems MP1493 Datasheet HTML 13Page - Monolithic Power Systems MP1493 Datasheet HTML 14Page - Monolithic Power Systems MP1493 Datasheet HTML 15Page - Monolithic Power Systems MP1493 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP1493 – 3A, 4.2V-16V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP1493 Rev. 1.15
www.MonolithicPower.com
12
12/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
the FB voltage is below 50% of the REF voltage
(0.805V), UVP will be triggered. Usually UVP
comes with current limit is hit, hence it results in
SCP.
UVLO protection
MP1493 has under-voltage lock-out protection
(UVLO). When the input voltage is higher than
the UVLO rising threshold voltage, the MP1493
powers up. It shuts off when the input voltage is
lower than the UVLO falling threshold voltage.
This is non-latch protection.
Thermal Shutdown
Thermal shutdown is employed in MP1493. The
junction temperature of the IC is monitored
internally. If the junction temperature exceeds the
threshold value (typically 150ºC), the converter
shuts off. This is non-latch protection. There is
about 25ºC hysteresis. Once the junction
temperature drops around 125ºC, it initiates a SS
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com