Electronic Components Datasheet Search
  English  ▼

X  

MP1493 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP1493
Description  3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1493 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP1493 Datasheet HTML 10Page - Monolithic Power Systems MP1493 Datasheet HTML 11Page - Monolithic Power Systems MP1493 Datasheet HTML 12Page - Monolithic Power Systems MP1493 Datasheet HTML 13Page - Monolithic Power Systems MP1493 Datasheet HTML 14Page - Monolithic Power Systems MP1493 Datasheet HTML 15Page - Monolithic Power Systems MP1493 Datasheet HTML 16Page - Monolithic Power Systems MP1493 Datasheet HTML 17Page - Monolithic Power Systems MP1493 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
MP1493 – 3A, 4.2V-16V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP1493 Rev. 1.15
www.MonolithicPower.com
15
12/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
voltage can’t reach the design value during the
soft-start time, and then it will fail to regulate. The
maximum output capacitor value Co_max can be
limited approximately by:
O_ MAX
LIM _ AVG
OUT
ss
OUT
C(I
I
) T / V
=−
×
(22)
Where, ILIM_AVG is the average start-up current
during soft-start period. Tss is the soft-start time.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However, the
larger value inductor will have a larger physical
size, higher series resistance, and/or lower
saturation current. A good rule of thumb for
determining the inductance to use is to allow the
peak-to-peak ripple current in the inductor to be
approximately 30~40% of the maximum switch
current limit. Also, make sure that the peak
inductor current is below the maximum switch
current limit. The inductance value can be
calculated by:
OUT
OUT
SL
IN
VV
L(1
)
FI
V
=× −
×Δ
(23)
Where ΔIL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
OUT
OUT
LP
OUT
SIN
VV
II
(1
)
2F
L
V
=+
× −
×
(24)
Application Recommendation
As Figure 8 shows, when output cap is
electrolytic POSCAP, etc with large ESR, no
external
ramp
is
needed.
Recommended
parameters are listed below in Table 1 to Table 3
Table 1—300kHz recommended parameters
without External Ramp Compensation
Recommended Conditions: VIN=12V, IOUT=3A
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1.2
3.3
12.1
26.1
402
2.5
3.3
30
14.3
820
3.3
3.3
40.2
13.3
1000
Table 2—500kHz recommended parameters
without External Ramp Compensation
Recommended Conditions: VIN=12V, IOUT=3A
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1.2
3.3
12.1
26.1
240
2.5
3.3
30
14.3
510
3.3
3.3
40.2
13.3
649
Table 3—700kHz recommended parameters
without External Ramp Compensation
Recommended Conditions: VIN=12V, IOUT=3A
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1.2
2.2
12.1
26.1
174
2.5
2.2
30
14.3
348
3.3
2.2
40.2
13.3
475
When output cap is ceramic caps with lower ESR,
external ramp is needed as shown in Fig.9.
Recommended parameters are as listed in Table
4 to Table 6 with R9=0Ω.
Table 4—300kHz recommended parameters
with External Ramp Compensation
Recommended Conditions: VIN=12V, IOUT=3A
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
R7
(kΩ)
1.2
3.3
12.1
26.1
330
220
402
2.5
3.3
30
14.3
698
220
820
3.3
3.3
40.2
12.7
698
220
1000
Table 5—500kHz recommended parameters
with External Ramp Compensation
Recommended Conditions: VIN=12V, IOUT=3A
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
R7
(kΩ)
1.2
3.3
12.1
26.1
402
220
240
2.5
3.3
30
14.3
549
220
510
3.3
3.3
40.2
12.7
698
220
649



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com