Electronic Components Datasheet Search
  English  ▼

X  

MP1493 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP1493
Description  3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1493 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP1493 Datasheet HTML 10Page - Monolithic Power Systems MP1493 Datasheet HTML 11Page - Monolithic Power Systems MP1493 Datasheet HTML 12Page - Monolithic Power Systems MP1493 Datasheet HTML 13Page - Monolithic Power Systems MP1493 Datasheet HTML 14Page - Monolithic Power Systems MP1493 Datasheet HTML 15Page - Monolithic Power Systems MP1493 Datasheet HTML 16Page - Monolithic Power Systems MP1493 Datasheet HTML 17Page - Monolithic Power Systems MP1493 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP1493 – 3A, 4.2V-16V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP1493 Rev. 1.15
www.MonolithicPower.com
14
12/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
larger Cdc for a better FB noise immunity,
combined with reduced R1 and R2 to limit the
Cdc in a reasonable value without affecting the
system start up. Be noted that even when the
Cdc is applied, the load and line regulation are
still Vramp related.
Figure 10—Simplified Circuit of Ceramic
Capacitor with DC blocking capacitor
Input Capacitor
The input current to the step-down converter is
discontinuous, therefore a capacitor is required to
supply the AC current to the step-down converter
while maintaining the DC input voltage. Ceramic
capacitors
are
recommended
for
best
performance. In the layout, it’s recommended to
put the input capacitor as close as possible to the
VIN pin.
The
capacitance
varies
significantly
over
temperature. Capacitors with X5R and X7R
ceramic dielectrics are recommended because
they are fairly stable over temperature.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated as follows:
OUT
OUT
CIN
OUT
IN
IN
VV
II
(1
)
VV
=×
× −
(15)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
CIN
I
I
2
=
(16)
For simplification, choose the input capacitor
whose RMS current rating is greater than half of
the maximum load current.
The input capacitance value determines the input
voltage ripple of the converter. If there is an input
voltage ripple requirement in the system design,
choose the input capacitor that meets the
specification.
The input voltage ripple can be estimated as
follows:
OUT
OUT
OUT
IN
SIN
IN
IN
IV
V
V(1
)
FC
V
V
Δ=
×
× −
×
(17)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
IN
SIN
I
1
V
4F
C
Δ= ×
×
(18)
Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Ceramic or POSCAP
capacitors are recommended. The output voltage
ripple can be estimated as:
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V(1
) (R
)
FL
V
8 F
C
Δ=
× −
×
+
××
×
(19)
In the case of ceramic capacitors, the impedance
at the switching frequency is dominated by the
capacitance. The output voltage ripple is mainly
caused by the capacitance. For simplification, the
output voltage ripple can be estimated by:
OUT
OUT
OUT
2
SOUT
IN
VV
V(1
)
8F
L C
V
Δ=
× −
×× ×
(20)
The output voltage ripple caused by ESR is very
small. Therefore, an external ramp is needed to
stabilize the system. The external ramp can be
generated through resistor R4 and capacitor C4
following equation 4, 7 and 8.
In the case of POSCAP or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. The ramp voltage generated
from the ESR is high enough to stabilize the
system.
So
the
external
ramp
is
not
recommended. A minimum ESR value of 12mΩ
is required to ensure stable operation of the
converter. For simplification, the output ripple can
be approximated to:
OUT
OUT
OUT
ESR
SIN
VV
V(1
) R
FL
V
Δ=
× −
×
×
(21)
Maximum output capacitor limitation should be
also considered in design application. MP1493
has an around 1ms soft-start time period. If the
output capacitor value is too high, the output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com