Electronic Components Datasheet Search
  English  ▼

X  

MP1493 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP1493
Description  3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1493 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP1493 Datasheet HTML 10Page - Monolithic Power Systems MP1493 Datasheet HTML 11Page - Monolithic Power Systems MP1493 Datasheet HTML 12Page - Monolithic Power Systems MP1493 Datasheet HTML 13Page - Monolithic Power Systems MP1493 Datasheet HTML 14Page - Monolithic Power Systems MP1493 Datasheet HTML 15Page - Monolithic Power Systems MP1493 Datasheet HTML 16Page - Monolithic Power Systems MP1493 Datasheet HTML 17Page - Monolithic Power Systems MP1493 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
MP1493 – 3A, 4.2V-16V INPUT, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
MP1493 Rev. 1.15
www.MonolithicPower.com
16
12/9/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Table 6—700kHz recommended parameters
with External Ramp Compensation
Recommended Conditions: VIN=12V, IOUT=3A
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
R7
(kΩ)
1.2
2.2
12.1
26.1
330
220
174
2.5
2.2
30
14.3
549
220
348
3.3
2.2
40.2
12.7
698
220
475
According to equation (22) and some design
abundance
are
reserved,
recommended
maximum output capacitor value is as below
Table 7 shown.
Table 7—Recommended maximum output
capacitor value (FS=500 kHz)
Recommended Conditions: VIN=12V, IOUT=3A
VOUT
(V)
1.2
1.8
2.5
3.3
5
CO_MAX
(μF)
680
570
390
330
220
The detailed application schematic is shown in
Figure 11, Fig12 and Figure 13. The typical
performance and circuit waveforms have been
shown
in
the
Typical
Performance
Characteristics section.
For more possible
applications of this device, please refer to related
Evaluation Board Data Sheets.
MP1493
1
5
8
6
7
3
4
2
BYP
EN
FB
SW
BST
FREQ
IN
Figure 11—Typical Application Circuit with No External Ramp
MP1493
1
5
8
6
7
R9
0
3
4
2
BYP
EN
FB
SW
BST
FREQ
IN
Figure 12—Typical Application Circuit with Low ESR Ceramic Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com