Electronic Components Datasheet Search
  English  ▼

X  

MP1498 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1498
Description  High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1498 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1498 Datasheet HTML 1Page - Monolithic Power Systems MP1498 Datasheet HTML 2Page - Monolithic Power Systems MP1498 Datasheet HTML 3Page - Monolithic Power Systems MP1498 Datasheet HTML 4Page - Monolithic Power Systems MP1498 Datasheet HTML 5Page - Monolithic Power Systems MP1498 Datasheet HTML 6Page - Monolithic Power Systems MP1498 Datasheet HTML 7Page - Monolithic Power Systems MP1498 Datasheet HTML 8Page - Monolithic Power Systems MP1498 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP1498 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1498 Rev. 1.01
www.MonolithicPower.com
4
12/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN=12V, VOUT=3.3V,L=2.2μH,TA = 25°C, unless otherwise noted.
200
300
400
500
600
700
800
900
1000
4
6
8
101214
16 18
-30
-20
-10
0
10
20
30
40
50
0
5
10
15
20
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.0
0.4
0.8
1.2
1.6
2.0
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
5 6 7 8 9 1011 121314 1516
3.0
3.5
4.0
4.5
5.0
5.5
6.0
010 20 30 40 50 60 70 80
1.2
1.25
1.3
1.35
1.4
1.45
1.5
-50
0
50
100
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com