Electronic Components Datasheet Search
  English  ▼

X  

MP1498 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP1498
Description  High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1498 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP1498 Datasheet HTML 10Page - Monolithic Power Systems MP1498 Datasheet HTML 11Page - Monolithic Power Systems MP1498 Datasheet HTML 12Page - Monolithic Power Systems MP1498 Datasheet HTML 13Page - Monolithic Power Systems MP1498 Datasheet HTML 14Page - Monolithic Power Systems MP1498 Datasheet HTML 15Page - Monolithic Power Systems MP1498 Datasheet HTML 16Page - Monolithic Power Systems MP1498 Datasheet HTML 17Page - Monolithic Power Systems MP1498 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
MP1498 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1498 Rev. 1.01
www.MonolithicPower.com
14
12/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Selecting the Output Capacitor
The output capacitor (C2) maintains the DC
output voltage. Use ceramic, tantalum, or low-
ESR
electrolytic
capacitors.
Low
ESR
capacitors are preferred to keep the output
voltage ripple low. The output voltage ripple can
be estimated by:
OUT
OUT
OUT
ESR
S1
IN
S
VV
1
V1
R
fL
V
8 f
C2



 


 
 
Where L1 is the inductor value and RESR is the
equivalent series resistance of the output
capacitor.
For
ceramic
capacitors,
the
capacitance
dominates the impedance at the switching
frequency. The capacitance also causes the
majority of the output voltage ripple. For
simplification, estimate the output voltage ripple
as:
OUT
OUT
OUT
2
IN
S1
VV
ΔV1
V
8f
L
C2

 

 

For tantalum or electrolytic capacitors, the ESR
dominates the impedance at the switching
frequency. For simplification, the output ripple
can be approximated as:
OUT
OUT
OUT
ESR
IN
S1
VV
ΔV1
R
fL
V

 


The characteristics of the output capacitor also
affect the stability of the regulation system. The
MP1498 can be optimized for a wide range of
capacitance and ESR values.
External Bootstrap Diode
An external bootstrap diode can enhance the
efficiency of the regulator, given the following
conditions:
VOUT is 5V or 3.3V; and
Duty cycle is high: D=
IN
OUT
V
V
>65%
In these cases, connect an external BST diode
from the VCC pin to BST pin, as shown in
Figure 6
MP1498
Figure 6: Optional External Bootstrap Diode to
Enhance Efficiency
The recommended external BST diode is
IN4148, and the BST capacitor is 0.1µF to 1μF.
PC Board Layout (8)
PCB layout is very important to achieve stable
operation especially for VCC capacitor and
input capacitor placement. For best results,
follow these guidelines:
1) Connect the GND pin directly to a large
ground plane. Add vias near the GND pin if
the bottom layer is a ground plane.
2) Place the VCC capacitor as close to the
VCC and GND pins as possible. Make the
trace
length
of
the
VCC
pin→VCC
capacitor anode VCC capacitor cathode→
IC GND pin as short as possible.
3) Place the ceramic input capacitor close to
IN and GND pins. Keep the connection of
input capacitor and IN pin as short and
wide as possible.
4) Route SW, BST net away from sensitive
analog areas such as FB. Avoid routing the
SW, BST trace under the IC.
5) Place the T-type feedback resistor (R5)
close to chip to ensure that the trace to the
FB pin is as short as possible.
Notes:
8) The recommended layout is based on the Figure 7 Typical
Application circuit on the next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com