Electronic Components Datasheet Search
  English  ▼

X  

MP1498 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP1498
Description  High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1498 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP1498 Datasheet HTML 10Page - Monolithic Power Systems MP1498 Datasheet HTML 11Page - Monolithic Power Systems MP1498 Datasheet HTML 12Page - Monolithic Power Systems MP1498 Datasheet HTML 13Page - Monolithic Power Systems MP1498 Datasheet HTML 14Page - Monolithic Power Systems MP1498 Datasheet HTML 15Page - Monolithic Power Systems MP1498 Datasheet HTML 16Page - Monolithic Power Systems MP1498 Datasheet HTML 17Page - Monolithic Power Systems MP1498 Datasheet HTML 18Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
MP1498 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1498 Rev. 1.01
www.MonolithicPower.com
17
12/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
VCC
25V
C1A
C1
25V
C5
C6
GND
GND
GND
GND
SS
EN/SYNC
VIN
100K
R4
GND
GND
VOUT
20
R3
C4
C2
15pF
C3
L1
40.2K
R1
32.4K
R2
GND
GND
GND
59K
R5
1.8V /2A
2
7
1
6
5
3
8
BST
SW
EN/SYNC
VCC
IN
MP1498
GND
FB
SS
Figure 10: VIN=12V, 1.8V/2A Output
VCC
25V
C1A
C1
25V
C5
C6
GND
GND
GND
GND
SS
EN/SYNC
VIN
100K
R4
GND
GND
VOUT
20
R3
C4
C2
L1
30.1K
R1
61.9K
R2
GND
GND
GND
140K
R5
1.2V /2A
2
7
1
6
5
3
8
BST
SW
EN/SYNC
VCC
IN
MP1498
GND
FB
SS
Figure 11: VIN=12V, 1.2V/2A Output
VCC
25V
C1A
C1
25V
C5
C6
GND
GND
GND
GND
SS
EN/SYNC
VIN
100K
R4
GND
GND
VOUT
20
R3
C4
C2
L1
20.5K
R1
84.5K
R2
GND
GND
GND
140K
R5
1V /2A
2
7
1
6
5
3
8
BST
SW
EN/SYNC
VCC
IN
MP1498
GND
FB
SS
Figure 12: VIN=12V, 1V/2A Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com