Electronic Components Datasheet Search
  English  ▼

X  

MP1498 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP1498
Description  High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1498 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP1498 Datasheet HTML 8Page - Monolithic Power Systems MP1498 Datasheet HTML 9Page - Monolithic Power Systems MP1498 Datasheet HTML 10Page - Monolithic Power Systems MP1498 Datasheet HTML 11Page - Monolithic Power Systems MP1498 Datasheet HTML 12Page - Monolithic Power Systems MP1498 Datasheet HTML 13Page - Monolithic Power Systems MP1498 Datasheet HTML 14Page - Monolithic Power Systems MP1498 Datasheet HTML 15Page - Monolithic Power Systems MP1498 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP1498 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1498 Rev. 1.01
www.MonolithicPower.com
12
12/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Startup and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip starts. The reference block
starts first, generating stable reference voltage
and currents, and then the internal regulator is
enabled. The regulator provides stable supply
for the remaining circuitries. The frequency
needs to fold-back linearly with FB so VOUT
starts up smoothly.
Three events can shut down the chip: EN low,
VIN low, and thermal shutdown. For the
shutdown procedure, the signaling path is first
blocked to avoid any fault triggering. The
COMP voltage and the internal supply rail are
then pulled down. The floating driver is not
subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com