Electronic Components Datasheet Search
  English  ▼

X  

MP1498 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1498
Description  High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1498 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1498 Datasheet HTML 1Page - Monolithic Power Systems MP1498 Datasheet HTML 2Page - Monolithic Power Systems MP1498 Datasheet HTML 3Page - Monolithic Power Systems MP1498 Datasheet HTML 4Page - Monolithic Power Systems MP1498 Datasheet HTML 5Page - Monolithic Power Systems MP1498 Datasheet HTML 6Page - Monolithic Power Systems MP1498 Datasheet HTML 7Page - Monolithic Power Systems MP1498 Datasheet HTML 8Page - Monolithic Power Systems MP1498 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP1498
High-Efficiency, 2A, 16V, 1.4MHz
Synchronous, Step-Down Converter
MP1498 Rev. 1.01
www.MonolithicPower.com
1
12/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1498 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with built-in internal power MOSFETs. It offers a
very compact solution to achieve 2A continuous
output current with excellent load and line
regulation over a wide input supply range. The
MP1498 has synchronous mode operation for
higher efficiency over the output current load
range.
Current-mode
operation
provides
a
fast
transient response and eases loop stabilization.
Protective
features
include
over-current
protection, thermal shutdown, and external SS
control.
The MP1498 requires a minimal number of
readily-available external components and is
available in a space-saving 8-pin TSOT23
package.
FEATURES
 Wide 4.5V-to-16V Operating Input Range
 100mΩ/40mΩ Low RDS(ON) Internal Power
MOSFETs
 Proprietary Switching-Loss–Reduction
Technique
 High-Efficiency Synchronous Mode
Operation
 Fixed 1.4MHz Switching Frequency
 Can Synchronize to a 300kHz-to-3MHz
External Clock
 Externally-Programmable Soft-Start
 OCP and Hiccup
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in an 8-pin TSOT-23 Package
APPLICATIONS
 Notebook Systems and I/O Power
 Digital Set-Top Boxes
 Flat-Panel Televisions and Monitors
 Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP1498
IN
EN/SYNC
VCC
SS
GND
FB
SW
BST
VIN
EN/
SYNC
C3
0.1 F
R1
40.2k
R2
13k
L1
2.2 H
C2
22 F
C4
0.1 F
C1
22 F
2
5
6
7
1
3
8
4
3.3V/2A
R3
20
C5
22nF
R5
24k
50
55
60
65
70
75
80
85
90
95
100
0.0
0.4
0.8
1.2
1.6
2.0


Similar Part No. - MP1498

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1492DS MPS-MP1492DS Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1492DS-A MPS-MP1492DS-A Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1493 MPS-MP1493 Datasheet
567Kb / 18P
3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
MP1493DS MPS-MP1493DS Datasheet
567Kb / 18P
3A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
More results

Similar Description - MP1498

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
2A, 16V, 1.4MHz Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP2228 MPS-MP2228 Datasheet
562Kb / 16P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2233 MPS-MP2233 Datasheet
588Kb / 18P
High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP2234S MPS-MP2234S Datasheet
722Kb / 19P
High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com