Electronic Components Datasheet Search
  English  ▼

X  

MP1499 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP1499
Description  High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1499 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP1499 Datasheet HTML 1Page - Monolithic Power Systems MP1499 Datasheet HTML 2Page - Monolithic Power Systems MP1499 Datasheet HTML 3Page - Monolithic Power Systems MP1499 Datasheet HTML 4Page - Monolithic Power Systems MP1499 Datasheet HTML 5Page - Monolithic Power Systems MP1499 Datasheet HTML 6Page - Monolithic Power Systems MP1499 Datasheet HTML 7Page - Monolithic Power Systems MP1499 Datasheet HTML 8Page - Monolithic Power Systems MP1499 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MP1499 – 16V/5A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP1499 Rev. 1.0
www.MonolithicPower.com
2
7/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP1499GD
QFN10
(2x3mm)
ADH
* For Tape & Reel, add suffix –Z (e.g.MP1499GD–Z);
PACKAGE REFERENCE
3
2
5
4
8
9
10
6
7
FB
SW
IN
SS
NC
BST
EN/SYNC
VCC
GND
GND
1
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
VIN .................................................–0.3V to 17V
VSW......................................................................
-0.3V (-5V for <10ns) to 17V(19V for <10ns)
VBST ........................................................ VSW+6V
All Other Pins............................ –0.3V to 6.5 V(2)
Continuous Power Dissipation (TA = +25°C)
(3)
........................................................... 1.92W
Junction Temperature...............................150
C
Lead Temperature ....................................260
C
Storage Temperature................. -65
C to 150C
Recommended Operating Conditions
(4)
Supply Voltage VIN ...........................4.5V to 16V
Output Voltage VOUT................ 0.807V to Vin-3V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
QFN10 (2x3mm)..................... 65 ...... 13...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) About the details of EN pin’s ABS MAX rating, please refer to
page 10, EN/SYNC control section.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com