Electronic Components Datasheet Search
  English  ▼

X  

MP1499 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1499
Description  High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1499 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP1499 Datasheet HTML 2Page - Monolithic Power Systems MP1499 Datasheet HTML 3Page - Monolithic Power Systems MP1499 Datasheet HTML 4Page - Monolithic Power Systems MP1499 Datasheet HTML 5Page - Monolithic Power Systems MP1499 Datasheet HTML 6Page - Monolithic Power Systems MP1499 Datasheet HTML 7Page - Monolithic Power Systems MP1499 Datasheet HTML 8Page - Monolithic Power Systems MP1499 Datasheet HTML 9Page - Monolithic Power Systems MP1499 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MP1499 – 16V/5A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP1499 Rev. 1.0
www.MonolithicPower.com
6
7/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
VIN = 12V, VOUT = 3.3V, L = 3.3µH, TA = 25°C, unless otherwise noted.
Short Entry
IOUT=0A
Short Recovery
IOUT=0A
Startup through Enable
IOUT=0A
Startup through Enable
IOUT=5A
Shutdown through Enable
IOUT=0A
Shutdown through Enable
IOUT=5A
Startup through
Input Voltage
IOUT=0A
VIN
10V/div.
VSW
5V/div.
VOUT
2V/div.
Iinductor
1A/div.
VIN
10V/div.
VSW
5V/div.
VOUT
2V/div.
Iinductor
5A/div.
VIN
10V/div.
VOUT
2V/div.
VSW
5V/div.
IL
10A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
5V/div.
Iinductor
1A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
5V/div.
Iinductor
5A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
5V/div.
Iinductor
1A/div.
VEN
5V/div.
VOUT
2V/div.
VSW
5V/div.
Iinductor
5A/div.
VIN
10V/div.
VOUT
2V/div.
VSW
5V/div.
IL
10A/div.
Startup through
Input Voltage
IOUT=5A
-40-30-20-10 0 10 20 30 40 50 60 70
0
1
2
3
4
5
6
VOUT=3.3V
VOUT=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com