Electronic Components Datasheet Search
  English  ▼

X  

MP1499 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1499
Description  High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1499 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1499 Datasheet HTML 1Page - Monolithic Power Systems MP1499 Datasheet HTML 2Page - Monolithic Power Systems MP1499 Datasheet HTML 3Page - Monolithic Power Systems MP1499 Datasheet HTML 4Page - Monolithic Power Systems MP1499 Datasheet HTML 5Page - Monolithic Power Systems MP1499 Datasheet HTML 6Page - Monolithic Power Systems MP1499 Datasheet HTML 7Page - Monolithic Power Systems MP1499 Datasheet HTML 8Page - Monolithic Power Systems MP1499 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MP1499
High Efficiency 5A Peak, 16V, 500kHz
Synchronous Step Down Converter
MP1499 Rev. 1.0
www.MonolithicPower.com
1
7/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1499 is a high frequency synchronous
rectified step-down switch mode converter with
built in internal power MOSFETs. It offers a
very compact solution to achieve 5A peak
output current over a wide input supply range
with excellent load and line regulation. The
MP1499 has synchronous mode operation for
higher efficiency over output current load range.
Current mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over current
protection and thermal shut down.
The MP1499 requires a minimum number of
readily available standard external components
and is available in a space saving 10-pin QFN
(2x3mm) package.
FEATURES
 Wide 4.5V to 16V Operating Input Range
 70mΩ/25mΩ Low RDS(ON) Internal Power
MOSFETs
 Proprietary Switching Loss Reduction
Technique
 Fixed 500kHz Switching Frequency
 Sync from 200kHz to 2MHz External Clock
 AAM Power Save Mode
 External Soft Start
 OCP Protection and Hiccup
 Thermal Shutdown
 Output Adjustable from 0.8V
 Available in a QFN10 (2x3mm) Package
APPLICATIONS
 Digital Set Top Boxes
 Flat Panel Television and Monitors
 Distributed Power Systems
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
BST
IN
SW
EN/SYNC
FB
GND
NC
MP1499
94
8
1
6, 7
5
3
10
VIN
VOUT
3.3V/5A
C2
47
R1
40.2k
R8
33k
R2
R5
10
13k
L1
3.3
C4
100nF
C1
22
R3
100k
SS
C5
22nF
C6
VCC
2
OUTPUT CURRENT(A)
Efficiency vs.
Output Current
VOUT=3.3V
50
55
60
65
70
75
80
85
90
95
100
0.01
0.10
1.00
10.00
VIN=16V
VIN=12V
VIN=5V


Similar Part No. - MP1499

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1499GD MPS-MP1499GD Datasheet
258Kb / 5P
High-Efficiency, 5A Peak, 16V, 500kHz, Sync. Step-Down Converter Evaluation Board
More results

Similar Description - MP1499

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495 MPS-MP1495 Datasheet
462Kb / 15P
High Efficiency 3A, 16V, 500kHz Synchronous Step Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
EV1499-D-00A MPS-EV1499-D-00A Datasheet
258Kb / 5P
High-Efficiency, 5A Peak, 16V, 500kHz, Sync. Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com