Electronic Components Datasheet Search
  English  ▼

X  

MP1499 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP1499
Description  High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1499 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP1499 Datasheet HTML 4Page - Monolithic Power Systems MP1499 Datasheet HTML 5Page - Monolithic Power Systems MP1499 Datasheet HTML 6Page - Monolithic Power Systems MP1499 Datasheet HTML 7Page - Monolithic Power Systems MP1499 Datasheet HTML 8Page - Monolithic Power Systems MP1499 Datasheet HTML 9Page - Monolithic Power Systems MP1499 Datasheet HTML 10Page - Monolithic Power Systems MP1499 Datasheet HTML 11Page - Monolithic Power Systems MP1499 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MP1499 – 16V/5A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP1499 Rev. 1.0
www.MonolithicPower.com
8
7/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
FB
Feedback. An external resistor divider from the output to GND, tapped to the FB pin, sets
the output voltage. To prevent current limit run away during a short circuit fault condition
the frequency fold-back comparator lowers the oscillator frequency when the FB voltage is
below 400mV. It is recommended to place the resistor divider as close to FB pin as
possible. Vias should be avoided on the FB traces.
2
VCC
Internal 5V LDO output. The driver and control circuits are powered from this voltage.
Decouple with 0.1μF-0.22μF cap. And the capacitance should be no more than 0.22μF.
3
EN/SY
NC
EN=high to enable the MP1499. External clock can be applied to EN pin for changing
switching frequency. For automatic start-up, connect EN pin to VIN with 100KΩ resistor.
4
BST
Bootstrap. A capacitor connected between SW and BST pins is required to form a floating
supply across the high-side switch driver.
5
NC
No connection internal. This pin can connect to GND.
6, 7
GND
System Ground. This pin is the reference ground of the regulated output voltage.
For this reason care must be taken in PCB layout. Suggested to be connected to GND
with copper and vias.
8
SW
Switch Output. Connect this pin to the inductor and bootstrap capacitor. This pin is driven
up to the VIN voltage by the high-side switch during the on-time of the PWM duty cycle.
The inductor current drives the SW pin negative during the off-time. The on-resistance of
the low-side switch and the internal body diode fixes the negative voltage. Use wide PCB
traces and multiple vias to make the connection.
9
IN
Supply Voltage. The IN pin supplies power for internal MOSFET and regulator. The
MP1499 operates from a +4.5V to +16V input rail. Low ESR, and low inductance capacitor
C1 is needed to decouple the input rail. Place the input capacitor very close to this pin and
connect it with wide PCB traces and multiple vias to make the connection.
10
SS
Soft Start. Connect on external capacitor to program the soft start time for the switch mode
regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com