Electronic Components Datasheet Search
  English  ▼

X  

MP1499 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1499
Description  High Efficiency 5A Peak, 16V, 500kHz Synchronous Step Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1499 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1499 Datasheet HTML 1Page - Monolithic Power Systems MP1499 Datasheet HTML 2Page - Monolithic Power Systems MP1499 Datasheet HTML 3Page - Monolithic Power Systems MP1499 Datasheet HTML 4Page - Monolithic Power Systems MP1499 Datasheet HTML 5Page - Monolithic Power Systems MP1499 Datasheet HTML 6Page - Monolithic Power Systems MP1499 Datasheet HTML 7Page - Monolithic Power Systems MP1499 Datasheet HTML 8Page - Monolithic Power Systems MP1499 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP1499 – 16V/5A PEAK SYNCHRONOUS STEP-DOWN CONVERTER
MP1499 Rev. 1.0
www.MonolithicPower.com
4
7/26/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 3.3µH, TA = 25°C, unless otherwise noted.
INPUT VOLTAGE (V)
OUTPUT CURRENT (A)
Line Regulation
VIN=5V-16V
Current Limit vs. Duty Cycle
Load Regulation
Enabled Supply Current
vs. Input Voltage
VFB=1V
INPUT VOLTAGE (V))
200
300
400
500
600
700
800
900
1000
4
6
8
101214
1618
Switching Frequency
vs. Ambient Temperature
Disabled Supply Current
vs. Input Voltage
VEN=0V
INPUT VOLTAGE (V)
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
400
425
450
475
500
525
550
-40 -20 0 20 40 60 80 100 120
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
01
23
45
VIN=12V
VIN=5V
VIN=16V
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
5 6 7 8 9 10 111213141516
IOUT=5A
IOUT=2.5A
3
5
7
9
11
13
15
10 20
30 40
50 60
70 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com