Electronic Components Datasheet Search
  English  ▼

X  

MP1906 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1906
Description  80V, Half-Bridge, Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1906 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1906 Datasheet HTML 1Page - Monolithic Power Systems MP1906 Datasheet HTML 2Page - Monolithic Power Systems MP1906 Datasheet HTML 3Page - Monolithic Power Systems MP1906 Datasheet HTML 4Page - Monolithic Power Systems MP1906 Datasheet HTML 5Page - Monolithic Power Systems MP1906 Datasheet HTML 6Page - Monolithic Power Systems MP1906 Datasheet HTML 7Page - Monolithic Power Systems MP1906 Datasheet HTML 8Page - Monolithic Power Systems MP1906 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP1906—80V, HALF-BRIDGE, GATE DRIVER
MP1906 Rev. 1.0
www.MonolithicPower.com
3
1/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 12V, VSW=0V, no load on TG or BG, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Supply Current
VCC quiescent current
ICCQ
VLPWM=5V, VHPWM= 0V
70
90
110
μA
VCC operation current
ICC
f=50kHz, CLOAD BG=1nF
0.9
1.5
mA
Bootstrap quiescent current
IBTQ
VLPWM=5V, VHPWM= 0V
30
μA
Bootstrap operation current
IBT
f=50kHz, CLOAD TG=1nF
0.7
1
mA
SW BT leakage current
ILK
VSW=VBT=80V
0.1
0.5
μA
Input
LPWM falling threshold
VLPWMF
0.8
V
LPWM rising threshold
VLPWMR
2.5
V
HPWM falling threshold
VHPWMF
0.8
V
HPWM rising threshold
VHPWMR
2.5
V
Under-Voltage Protection (UVLO)
VCC rising threshold
VCCTHR
8.2
8.8
9.4
V
VCC threshold hysteresis
VCCTHH
0.7
V
Bootstrap rising threshold
VBTTHR
4.5
5.5
6.5
V
Bootstrap threshold hysteresis
VBTTHH
0.65
V
Gate Driver Output
Low-side gate pull-up peak
current
(5)
IBGU
VBG=0V
350
mA
Low-side gate pull-down peak
current
(5)
IBGD
VBG=12V
1
A
High-side gate pull-up peak
current
(5)
ITGU
VTG=0V
350
mA
High-side gate pull-down peak
current
(5)
ITGD
VTG=12V
1
A
Propagation Delays, Dead Times and Output Rising and Falling Times (CLoad=1nF cap) (please see timing
diagram)
Turn-on propagation delay (TG)
τON TG
VSW=0V
80
150
ns
Turn-off propagation delay (TG)
τOFF TG
VSW=0V
80
150
ns
Turn-on rise time (TG)
τRISE TG
50
100
ns
Turn-off fall time (TG)
τFALL TG
30
100
ns
Turn-on propagation delay (BG)
τON BG
80
150
ns
Turn-off propagation delay (BG)
τOFF BG
80
150
ns
Turn-on rise time (BG)
τRISE_BG
50
100
ns
Turn-off fall time (BG)
τFALL_BG
30
100
ns
Deadtime, LS turn-off to HS turn-
on & HS turn-on to LS turn-off
τDT
150
250
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com