Electronic Components Datasheet Search
  English  ▼

X  

MP1906 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1906
Description  80V, Half-Bridge, Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1906 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1906 Datasheet HTML 1Page - Monolithic Power Systems MP1906 Datasheet HTML 2Page - Monolithic Power Systems MP1906 Datasheet HTML 3Page - Monolithic Power Systems MP1906 Datasheet HTML 4Page - Monolithic Power Systems MP1906 Datasheet HTML 5Page - Monolithic Power Systems MP1906 Datasheet HTML 6Page - Monolithic Power Systems MP1906 Datasheet HTML 7Page - Monolithic Power Systems MP1906 Datasheet HTML 8Page - Monolithic Power Systems MP1906 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MP1906—80V, HALF-BRIDGE, GATE DRIVER
MP1906 Rev. 1.0
www.MonolithicPower.com
4
1/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS(CONTIUUED)
VCC = 12V, VSW=0V, no load on TG or BG, TA = 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
LPWM source current
ILPWM
ILPWM=5V
-8
-3
-1
μA
HPWM sink current
IHPWM
IHPWM=5V
1
3
8
μA
Floating Gate Driver
BG-output-low to GND
VBGL
IBG=100mA
0.4
0.7
V
BG-output-high to rail
VBGH
IBG=-100mA, VBGH=VCC-VBG
1.5
1.7
V
TG-output-low to SW
VTGL
ITG=100mA
0.4
0.7
V
TG-output-high to rail
VTGH
ITG=-100mA, VTGH=VCC-VTG
1.5
1.7
V
Switching Specifications
Minimum input pulse width to
change the output
(5)
τPWM_min
50
ns
Notes:
5) Guaranteed by design
LPWM
ton
ton
toff
toff
tf
tf
tr
tr
BG
HPWM
TG
Figure 1: Gate Driver Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com