Electronic Components Datasheet Search
  English  ▼

X  

MP1906 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1906
Description  80V, Half-Bridge, Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1906 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1906 Datasheet HTML 1Page - Monolithic Power Systems MP1906 Datasheet HTML 2Page - Monolithic Power Systems MP1906 Datasheet HTML 3Page - Monolithic Power Systems MP1906 Datasheet HTML 4Page - Monolithic Power Systems MP1906 Datasheet HTML 5Page - Monolithic Power Systems MP1906 Datasheet HTML 6Page - Monolithic Power Systems MP1906 Datasheet HTML 7Page - Monolithic Power Systems MP1906 Datasheet HTML 8Page - Monolithic Power Systems MP1906 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP1906
80V, Half-Bridge, Gate Driver
MP1906 Rev. 1.0
www.MonolithicPower.com
1
1/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP1906 is a high-performance, 80V, gate
driver that can drive two external N-MOSFETs
in a half-bridge configuration with a 12V gate
supply. It accepts independent gate input
signals and provides shoot-through prevention.
During under-voltage lockout, the output of the
high- and low-side drivers goes low to prevent
erratic operation under low supply conditions.
The high-current driving capability and short dead
time make it suitable for high-power and high-
efficiency power applications, such as telecom
DC-DC converters. The compact 8-pin SOIC
package minimizes the component count and
the board space.
FEATURES
 Drives Two Low-Cost, High-Efficiency N-
MOSFETs
 10V-16V Gate Drive Supply
 3.3V, 5V Logic Compatibility
 80ns Propagation Delay
 Less than 90μA Quiescent Current
 Under-Voltage Lockout for Both Channels
 Input-Signal-Overlap Protection
 Internal 150ns Dead Time
 Available in a Compact 8-pin SOIC Package
APPLICATIONS
Motor Drivers
Half-Bridge Power Supplies
Avionics DC-DC Converters
Active-Clamp Forward Converters
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN=12V
VCC
SW
BT
HPWM
LPWM
GND
TG
BG
To Output
Load
Up to 80V
CONTROLLER


Similar Part No. - MP1906

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1906DS MPS-MP1906DS Datasheet
208Kb / 6P
80V, High Frequency Half-Bridge Gate Driver EV Board
More results

Similar Description - MP1906

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7380 FAIRCHILD-FAN7380_07 Datasheet
438Kb / 13P
Half-Bridge Gate Driver
logo
STMicroelectronics
L6393DTR STMICROELECTRONICS-L6393DTR Datasheet
390Kb / 19P
Half-bridge gate driver
11-Aug-2010
logo
ON Semiconductor
FAN7080-GF085 ONSEMI-FAN7080-GF085 Datasheet
391Kb / 17P
Half Bridge Gate Driver
September-2017, Rev.2
logo
Monolithic Power System...
EV1906-S-00A MPS-EV1906-S-00A Datasheet
208Kb / 6P
80V, High Frequency Half-Bridge Gate Driver EV Board
logo
ON Semiconductor
FAN7380 ONSEMI-FAN7380 Datasheet
651Kb / 12P
Half-Bridge Gate Driver
October-2017, Rev. 3
FL73282 ONSEMI-FL73282 Datasheet
430Kb / 16P
Half-Bridge Gate Driver
September 2015 Rev.1.0
logo
Diodes Incorporated
DGD2003 DIODES-DGD2003 Datasheet
688Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2104M DIODES-DGD2104M Datasheet
789Kb / 11P
HALF-BRIDGE GATE DRIVER
Rev 2
DGD2184M DIODES-DGD2184M Datasheet
652Kb / 12P
HALF BRIDGE GATE DRIVER
Rev 1
DGD21844M DIODES-DGD21844M Datasheet
637Kb / 12P
HALF-BRIDGE GATE DRIVER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com