Electronic Components Datasheet Search
  English  ▼

X  

MP1906 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1906
Description  80V, Half-Bridge, Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1906 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1906 Datasheet HTML 1Page - Monolithic Power Systems MP1906 Datasheet HTML 2Page - Monolithic Power Systems MP1906 Datasheet HTML 3Page - Monolithic Power Systems MP1906 Datasheet HTML 4Page - Monolithic Power Systems MP1906 Datasheet HTML 5Page - Monolithic Power Systems MP1906 Datasheet HTML 6Page - Monolithic Power Systems MP1906 Datasheet HTML 7Page - Monolithic Power Systems MP1906 Datasheet HTML 8Page - Monolithic Power Systems MP1906 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP1906—80V, HALF-BRIDGE, GATE DRIVER
MP1906 Rev. 1.0
www.MonolithicPower.com
5
1/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VDD=12V, VSW=0V, TA=+25°C, unless otherwise noted.
Low Level Output Voltage
vs. Temperature
Undervoltage Lockout
Threshold vs. Temperature
(Rising)
Undervoltage Lockout
Hysteresis vs. Temperature
Propagation Delay vs.
Temperature
Undervoltage Lockout
Threshold vs. Temperature
(Falling)
Quiescent Current
vs. Temperature
High Level Output
Voltage vs. Temperature
0
0.25
0.5
0.75
1.0
1.25
1.5
1.75
2
-50
0
50
100
150
VTGH
VBGH
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
0
50
100
150
VTGL
VBGL
0
1
2
3
4
5
6
7
8
9
10
-50
0
50
100
150
VCCTHR
VBTTHR
0
1
2
3
4
5
6
7
8
9
10
-50
0
50
100
150
VBTTHF
VCCTHF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
-50
0
50
100
150
VBTTHH
VCCTHH
-25
-5
15
35
55
75
95
115
135
155
-50
0
50
100
150
TOFF_TG
TOFF_BG
TON_TG
TON_BG
0
20
40
60
80
100
120
-50
0
50
100
150
ICCQ
IBTQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com