Electronic Components Datasheet Search
  English  ▼

X  

MP1906 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1906
Description  80V, Half-Bridge, Gate Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1906 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1906 Datasheet HTML 3Page - Monolithic Power Systems MP1906 Datasheet HTML 4Page - Monolithic Power Systems MP1906 Datasheet HTML 5Page - Monolithic Power Systems MP1906 Datasheet HTML 6Page - Monolithic Power Systems MP1906 Datasheet HTML 7Page - Monolithic Power Systems MP1906 Datasheet HTML 8Page - Monolithic Power Systems MP1906 Datasheet HTML 9Page - Monolithic Power Systems MP1906 Datasheet HTML 10Page - Monolithic Power Systems MP1906 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP1906—80V, HALF-BRIDGE, GATE DRIVER
MP1906 Rev. 1.0
www.MonolithicPower.com
10
1/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Reference Design Circuits
Half Bridge Motor Driver
In a half-bridge converter topology, the MOSFET-
driving signals have a dead time: HPWM and
LPWM driven with alternating signals from the
PWM controller. The input voltage can be up to
80V in this application.
HPWM
LPWM
GND
TG
SW
BT
BG
GND
Vin=12V
GND
A
-
+
GND
GND
Up to 80V
HPWM
LPWM
MP1906
Figure 4: Half-Bridge Motor Driver
Active-Clamp-Forward Converter
An
active-clamp-forward-converter
topology
alternately drives the MOSFETs. The high-side
MOSFET and the capacitor, CRESET, reset the
power transformer in a lossless manner. This
topology runs well at duty cycles exceeding 50%.
However, the input voltage may not run at 80V.
HPWM
LPWM
GND
TG
SW
BT
BG
GND
Vin=12V
GND
GND
GND
Up to 80V
HPWM
LPWM
Creset
1
3
2
4
Secondary
Circuit
MP1906
Figure 5: Active-Clamp Forward Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com