Electronic Components Datasheet Search
  English  ▼

X  

LM2512ASM Datasheet(PDF) 4 Page - Texas Instruments

Part # LM2512ASM
Description  LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2512ASM Datasheet(HTML) 4 Page - Texas Instruments

  LM2512ASM Datasheet HTML 1Page - Texas Instruments LM2512ASM Datasheet HTML 2Page - Texas Instruments LM2512ASM Datasheet HTML 3Page - Texas Instruments LM2512ASM Datasheet HTML 4Page - Texas Instruments LM2512ASM Datasheet HTML 5Page - Texas Instruments LM2512ASM Datasheet HTML 6Page - Texas Instruments LM2512ASM Datasheet HTML 7Page - Texas Instruments LM2512ASM Datasheet HTML 8Page - Texas Instruments LM2512ASM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM2512A
SNLS269B – AUGUST 2007 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Total Supply Current -
MC = 80 MHz,
VDDIO
0.02
0.07
mA
Enabled(3)
Checkerboard Pattern
VDD/VDDA
5.4
9.0
mA
3 MD Lane(4)
MC = 60 MHz,
VDDIO
0.01
mA
Checkerboard Pattern
VDD/VDDA
4.1
mA
2 MD Lane
Supply Current -Enabled
MC = 60 MHz,
VDDIO
0.02
mA
Pseudo-Random
VDD/VDDA
Pattern
3.7
mA
2 MD Lane
IDDZ
Supply Current—Disable
PD* = L
VDDIO
<1
2
µA
Power Down Modes
VDD/VDDA
<1
5
µA
Ta = 25°C
Stop Clock
VDDIO
<1
2
µA
VDD/VDDA
<1
5
µA
(3)
For IDD tests - input signal conditions are: (swing, edge, freq, DE = H, VS = L, HS = L, RGB Checkerboard Pattern: AAAAAA-555555)
(4)
Total Supply Current Conditions: checkerboard data pattern, 20MHz PCLK (3MDs), TYP VDDIO = VDDA = VDD = 1.8V, MAX VDDIO =
3.0V, MAX VDDA = VDD = 2.0V.
SWITCHING CHARACTERISTICS
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PARALLEL BUS TIMING
tSET
Set Up Time
SER Inputs Figure 1
5
ns
tHOLD
Hold Time
5
ns
SERIAL BUS TIMING
tDVBC
Serial Data Valid before Clock
SER Data Pulse Width Figure 2, (2) (3)
0.38
UI
Edge
tDVAC
Serial Data Valid after Clock
0.38
UI
Edge
POWER UP TIMING
t0
Bias Up Time
See Figure 9
PCLK
200
cycles
t1
MC Pulse Width LOW
PCLK
200
cycles
t2
MC Pulse Width HIGH
PCLK
20
cycles
t3
MC Pulse LOW
PCLK
8
cycles
t4
MC Pulse LOW - SER PLL
PCLK
600
Lock Counter
cycles
tPZXclk
Enable Time - Clock Start
PCLK to MCOUT Figure 4
See(4)
MPL POWER OFF TIMING
tPAZ
Disable Time to Power Down
See(5)
15
ms
tPXZclk
Disable Time - Clock Stop
PCLK to MCOUT Figure 3
PCLK
2
cycles
SPI INTERFACE
(1)
Typical values are given for VDDIO = 1.8V and VDD = VDDA = 1.8V and TA = 25°C.
(2)
1 UI is the serial data MD pulse width = 1 / 8xPCLK (3 MD lanes), 1 UI is the serial data MD pulse width = 1 / 12xPCLK (2 MD lanes)
(3)
This is a functional parameter and is specified by design or characterization.
(4)
Enable Time is a complete MPL start up comprised of t0 + t1 + t2 + t3 + t4.
(5)
Specified functionally by the IDDZ parameter. See also Figure 10.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2512A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com