Electronic Components Datasheet Search
  English  ▼

X  

LM2512ASM Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2512ASM
Description  LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2512ASM Datasheet(HTML) 5 Page - Texas Instruments

  LM2512ASM Datasheet HTML 1Page - Texas Instruments LM2512ASM Datasheet HTML 2Page - Texas Instruments LM2512ASM Datasheet HTML 3Page - Texas Instruments LM2512ASM Datasheet HTML 4Page - Texas Instruments LM2512ASM Datasheet HTML 5Page - Texas Instruments LM2512ASM Datasheet HTML 6Page - Texas Instruments LM2512ASM Datasheet HTML 7Page - Texas Instruments LM2512ASM Datasheet HTML 8Page - Texas Instruments LM2512ASM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM2512A
www.ti.com
SNLS269B – AUGUST 2007 – REVISED MAY 2013
SWITCHING CHARACTERISTICS (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tACC
SPI Data Active (SDA_device)
See Figure 16
0
50
ns
tOHR
SPI Data Tri-State
0
50
ns
(SDA_device)
RECOMMENDED INPUT TIMING REQUIREMENTS (PCLK AND SPI)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
PIXEL CLOCK (PCLK)
fPCLK
Pixel Clock Frequency
3 MD Lane, (4X)
7.5
22.5
MHz
2 MD Lane, (6X)
5
15
MHz
PCLKDC
Pixel Clock Duty Cycle
30
50
70
%
tT
Transition Time
See(2)(3)
2
>2
ns
tSTOPpclk
Clock Stop Gap
PCLK
See(4) (3)
4
2
cycles
SPI INTERFACE
fSCLw
SCL Frequency
WRITE
10
MHz
fSCLr
READ
6.67
MHz
ts0
CSX Set Time
60
ns
ts1
SI Set Time
See Figure 15
30
ns
th1
SI Hold Time
30
ns
tw1h
SCL Pulse Width High
WRITE
35
ns
READ
60
ns
See Figure 15,
Figure 16
tw1l
SCL Pulse Width Low
WRITE
35
ns
READ
60
ns
tr
SCL Rise Time
5
ns
tf
SCL Fall Time
5
ns
t0H
SI Hold Time
See Figure 15
30
ns
th0
CSX Hold Time
65
ns
tw2
CSX OFF Time
100
ns
(1)
Typical values are given for VDDIO = 1.8V and VDD = VDDA = 1.8V and TA = 25°C.
(2)
Maximum transition time is a function of clock rate and should be less than 30% of the clock period to preserve signal quality.
(3)
This is a functional parameter and is specified by design or characterization.
(4)
This is the minimum time that the PCLK needs to be held off for in order for the device to be reset. Once PCLK is reapplied, a PLL Lock
is required and start up sequence before video data is serialized.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2512A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com