Electronic Components Datasheet Search
  English  ▼

X  

LM3445MM Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3445MM
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445MM Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3445MM Datasheet HTML 10Page - Texas Instruments LM3445MM Datasheet HTML 11Page - Texas Instruments LM3445MM Datasheet HTML 12Page - Texas Instruments LM3445MM Datasheet HTML 13Page - Texas Instruments LM3445MM Datasheet HTML 14Page - Texas Instruments LM3445MM Datasheet HTML 15Page - Texas Instruments LM3445MM Datasheet HTML 16Page - Texas Instruments LM3445MM Datasheet HTML 17Page - Texas Instruments LM3445MM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
VVF-CAP =
2
VAC-RMS
3
+
+
D3
C7
C9
C10
D4
D8
D9
VBUCK
V+
+
-
+
-
VBUCK
VBUCK
VVF-CAP =
2
VAC-RMS
2
LM3445
SNVS570L – JANUARY 2009 – REVISED MAY 2013
www.ti.com
The peak voltage of a two stage valley-fill capacitor is:
(1)
As the AC line decreases from its peak value every cycle, there will be a point where the voltage magnitude of
the AC line is equal to the voltage that each capacitor is charged. At this point diode D3 becomes reversed
biased, and the capacitors are placed in parallel to each other (Figure 20), and VBUCK equals the capacitor
voltage.
Figure 20. Two Stage Valley-Fill Circuit When AC Line is Low
A three stage valley-fill circuit performs exactly the same as two-stage valley-fill circuit except now three
capacitors are now charged in series, and when the line voltage decreases to:
(2)
Diode D3 is reversed biased and three capacitors are in parallel to each other.
The valley-fill circuit can be optimized for power factor, voltage hold up and overall application size and cost. The
LM3445 will operate with a single stage or a three stage valley-fill circuit as well. Resistor R8 functions as a
current limiting resistor during start-up, and during the transition from series to parallel connection. Resistors R6
and R7 are 1 M
Ω bleeder resistors, and may or may not be necessary for each application.
BUCK CONVERTER
The LM3445 is a buck controller that uses a proprietary constant off-time method to maintain constant current
through a string of LEDs. While transistor Q2 is on, current ramps up through the inductor and LED string. A
resistor R3 senses this current and this voltage is compared to the reference voltage at FLTR2. When this
sensed voltage is equal to the reference voltage, transistor Q2 is turned off and diode D10 conducts the current
through the inductor and LEDs. Capacitor C12 eliminates most of the ripple current seen in the inductor. Resistor
R4, capacitor C11, and transistor Q3 provide a linear current ramp that sets the constant off-time for a given
output voltage.
14
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com