Electronic Components Datasheet Search
  English  ▼

X  

LM3445MM Datasheet(PDF) 20 Page - Texas Instruments

Part # LM3445MM
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445MM Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3445MM Datasheet HTML 16Page - Texas Instruments LM3445MM Datasheet HTML 17Page - Texas Instruments LM3445MM Datasheet HTML 18Page - Texas Instruments LM3445MM Datasheet HTML 19Page - Texas Instruments LM3445MM Datasheet HTML 20Page - Texas Instruments LM3445MM Datasheet HTML 21Page - Texas Instruments LM3445MM Datasheet HTML 22Page - Texas Instruments LM3445MM Datasheet HTML 23Page - Texas Instruments LM3445MM Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
1
K
VLED
VBUCK
u
¸
¹
·
¨
©
§
fSW =
1
tOFF
VLED
= K u D
VBUCK
D
tON
fSW =
, and
1 - D
tOFF
fSW =
1
tOFF + tON
fSW =
D =
tON
tON + tOFF
=
VLED
VBUCK
'¶ =
tOFF
tON + tOFF
tOFF = C11 x 1.276V x
R4
VLED
dv
i = C dt
= D
1
K
VLED
VBUCK
u
= D =
tON
tON + tOFF
= tON x fSW
VLED
VBUCK
LM3445
SNVS570L – JANUARY 2009 – REVISED MAY 2013
www.ti.com
DESIGN GUIDE
DETERMINING DUTY-CYCLE (D)
Duty cycle (D) approximately equals:
(4)
With efficiency considered:
(5)
For simplicity, choose efficiency between 75% and 85%.
CALCULATING OFF-TIME
The “Off-Time” of the LM3445 is set by the user and remains fairly constant as long as the voltage of the LED
stack remains constant. Calculating the off-time is the first step in determining the switching frequency of the
converter, which is integral in determining some external component values.
PNP transistor Q3, resistor R4, and the LED string voltage define a charging current into capacitor C11. A
constant current into a capacitor creates a linear charging characteristic.
(6)
Resistor R4, capacitor C11 and the current through resistor R4 (iCOLL), which is approximately equal to VLED/R4,
are all fixed. Therefore, dv is fixed and linear, and dt (tOFF) can now be calculated.
(7)
Common equations for determining duty cycle and switching frequency in any buck converter:
(8)
Therefore:
(9)
With efficiency of the buck converter in mind:
(10)
Substitute equations and rearrange:
(11)
Off-time, and switching frequency can now be calculated using the equations above.
SETTING THE SWITCHING FREQUENCY
Selecting the switching frequency for nominal operating conditions is based on tradeoffs between efficiency
(better at low frequency) and solution size/cost (smaller at high frequency).
20
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com