| Electronic Components Datasheet Search |
|
LM3445MM Datasheet(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM3445MM Datasheet(HTML) 22 Page - Texas Instruments |
|
22 / 39 page ![]() L2 # tOFF x VLED 'i 'i # tOFF x VLED L2 VL(OFF-TIME) = VLED = L x 'i 't VL(OFF-TIME) = VLED = L x (I(MAX) - I(MIN)) 't di Q = L dt - C12 R3 Q2 - D10 VLED VBUCK VL2 L2 LM3445 SNVS570L – JANUARY 2009 – REVISED MAY 2013 www.ti.com Figure 27. LM3445 External Components of the Buck Converter The equation for an ideal inductor is: (14) Given a fixed inductor value, L, this equation states that the change in the inductor current over time is proportional to the voltage applied across the inductor. During the on-time, the voltage applied across the inductor is, VL(ON-TIME) = VBUCK - (VLED + VDS(Q2) + IL2 x R3) (15) Since the voltage across the MOSFET switch (Q2) is relatively small, as is the voltage across sense resistor R3, we can simplify this to approximately, VL(ON-TIME) = VBUCK - VLED (16) During the off-time, the voltage seen by the inductor is approximately: VL(OFF-TIME) = VLED (17) The value of VL(OFF-TIME) will be relatively constant, because the LED stack voltage will remain constant. If we rewrite the equation for an inductor inserting what we know about the circuit during the off-time, we get: (18) Re-arranging this gives: (19) From this we can see that the ripple current ( Δi) is proportional to off-time (tOFF) multiplied by a voltage which is dominated by VLED divided by a constant (L2). These equations can be rearranged to calculate the desired value for inductor L2. (20) Where: 22 Submit Documentation Feedback Copyright © 2009–2013, Texas Instruments Incorporated Product Folder Links: LM3445 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |