Electronic Components Datasheet Search
  English  ▼

X  

LM3445MM Datasheet(PDF) 19 Page - Texas Instruments

Part # LM3445MM
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445MM Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3445MM Datasheet HTML 15Page - Texas Instruments LM3445MM Datasheet HTML 16Page - Texas Instruments LM3445MM Datasheet HTML 17Page - Texas Instruments LM3445MM Datasheet HTML 18Page - Texas Instruments LM3445MM Datasheet HTML 19Page - Texas Instruments LM3445MM Datasheet HTML 20Page - Texas Instruments LM3445MM Datasheet HTML 21Page - Texas Instruments LM3445MM Datasheet HTML 22Page - Texas Instruments LM3445MM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
SLAVE
BUCK
V+
BR1
SLAVE
BUCK
N
L
MASTER
CTRL
MASTER
BUCK
MASTER
VCC CTRL
MASTER
DIM CTRL
Large Valley-Fill CKT
LM3445
www.ti.com
SNVS570L – JANUARY 2009 – REVISED MAY 2013
Figure 25. Master/Slave Configuration With One Valley-Fill Circuit
THERMAL SHUTDOWN
Thermal shutdown limits total power dissipation by turning off the output switch when the IC junction temperature
exceeds 165°C. After thermal shutdown occurs, the output switch doesn’t turn on until the junction temperature
drops to approximately 145°C.
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com