Electronic Components Datasheet Search
  English  ▼

X  

LM3445MM Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3445MM
Description  Triac Dimmable Offline LED Driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3445MM Datasheet(HTML) 2 Page - Texas Instruments

  LM3445MM Datasheet HTML 1Page - Texas Instruments LM3445MM Datasheet HTML 2Page - Texas Instruments LM3445MM Datasheet HTML 3Page - Texas Instruments LM3445MM Datasheet HTML 4Page - Texas Instruments LM3445MM Datasheet HTML 5Page - Texas Instruments LM3445MM Datasheet HTML 6Page - Texas Instruments LM3445MM Datasheet HTML 7Page - Texas Instruments LM3445MM Datasheet HTML 8Page - Texas Instruments LM3445MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
1
4
3
2
14
11
12
13
N/C
N/C
ASNS
DIM
GND
FLTR1
COFF
FLTR2
5
10
N/C
BLDR
6
N/C
7
ISNS
9 VCC
8 GATE
1
4
3
2
10
7
8
9
ISNS
FLTR1
GATE
BLDR
COFF
VCC
ASNS
DIM
5
6
FLTR2
GND
LM3445
SNVS570L – JANUARY 2009 – REVISED MAY 2013
www.ti.com
DEVICE INFORMATION
ORDER NUMBER(1)
TOP MARK
LM3445M/NOPB
SULB
LM3445MM/NOPB
SULB
LM3445MMX/NOPB
LM3445M
LM3445MX/NOPB
LM3445M
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Connection Diagram
Top View
Top View
Figure 1. 10-Pin VSSOP
Figure 2. 14-Pin SOIC
Package Number DGS
Package Number D
PIN DESCRIPTIONS
SOIC
VSSOP
Name
Description
12
1
ASNS
PWM output of the triac dim decoder circuit. Outputs a 0 to 4V PWM signal with a duty cycle
proportional to the triac dimmer on-time.
13
2
FLTR1
First filter input. The 120Hz PWM signal from ASNS is filtered to a DC signal and compared to a 1 to
3V, 5.85 kHz ramp to generate a higher frequency PWM signal with a duty cycle proportional to the
triac dimmer firing angle. Pull above 4.9V (typical) to tri-state DIM.
14
3
DIM
Input/output dual function dim pin. This pin can be driven with an external PWM signal to dim the
LEDs. It may also be used as an output signal and connected to the DIM pin of other LM3445s or
other LED drivers to dim multiple LED circuits simultaneously.
1
4
COFF
OFF time setting pin. A user set current and capacitor connected from the output to this pin sets the
constant OFF time of the switching controller.
3
5
FLTR2
Second filter input. A capacitor tied to this pin filters the PWM dimming signal to supply a DC voltage
to control the LED current. Could also be used as an analog dimming input.
4
6
GND
Circuit ground connection.
7
7
ISNS
LED current sense pin. Connect a resistor from main switching MOSFET source, ISNS to GND to set
the maximum LED current.
8
8
GATE
Power MOSFET driver pin. This output provides the gate drive for the power switching MOSFET of the
buck controller.
9
9
VCC
Input voltage pin. This pin provides the power for the internal control circuitry and gate driver.
10
10
BLDR
Bleeder pin. Provides the input signal to the angle detect circuitry as well as a current path through a
switched 230
Ω resistor to ensure proper firing of the triac dimmer.
2,5,6,11
-
N/C
No Connect
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com