Electronic Components Datasheet Search
  English  ▼

X  

MP2212 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2212
Description  16V, 3A, 600kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2212 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2212 Datasheet HTML 1Page - Monolithic Power Systems MP2212 Datasheet HTML 2Page - Monolithic Power Systems MP2212 Datasheet HTML 3Page - Monolithic Power Systems MP2212 Datasheet HTML 4Page - Monolithic Power Systems MP2212 Datasheet HTML 5Page - Monolithic Power Systems MP2212 Datasheet HTML 6Page - Monolithic Power Systems MP2212 Datasheet HTML 7Page - Monolithic Power Systems MP2212 Datasheet HTML 8Page - Monolithic Power Systems MP2212 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP2212 – 16V, 3A, 600kHz SYNCHRONOUS STEP-DOWN CONVERTER
MP2212 Rev. 1.01
www.MonolithicPower.com
4
2/22/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
8-SOICE
Pin #
10-QFN
Pin #
Name
Description
5
6
VCC
Bias Supply. This supplies power to both the internal control circuit and the
gate drivers. A decoupling capacitor to ground is required close to this pin.
3
4, 7
IN
Input Supply. This supplies power to the high side switch. A decoupling
capacitor to ground is required close to this pin to reduce switching spikes.
6,7
3, 8
SW
Switch Node Connection to the Inductor. These pins connect to the internal
high and low-side power MOSFET switches. All SW pins must be
connected together externally.
2
2, 9
GND,
Exposed
Pad
Ground. Connect these pins with larger copper areas to the negative
terminals of the input and output capacitors. Connect Exposed Pad and
GND pin to the same plane.
4
5
BS
Bootstrap. A capacitor between this pin and SW provides a floating supply
for the high-side gate driver.
1
1
FB
Feedback. This is the input to the error amplifier. An external resistive
divider connected between the output and GND is compared to the internal
0.8V reference to set the regulation voltage.
8
10
EN/SYNC
Enable and Frequency Synchronization Input Pin. Forcing this pin below
0.4V shuts down the part. Forcing this pin above 1.6V but no more than VCC
turns on the part. Attach to VCC with a 100kΩ pull up resistor for automatic
start-up.
Applying a 500kHz to 2MHz clock signal to this pin synchronizes the internal
oscillator frequency to the external source. Don’t apply a voltage more than
VCC to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com