Electronic Components Datasheet Search
  English  ▼

X  

MP2212 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2212
Description  16V, 3A, 600kHz Synchronous Step-Down Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2212 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2212 Datasheet HTML 1Page - Monolithic Power Systems MP2212 Datasheet HTML 2Page - Monolithic Power Systems MP2212 Datasheet HTML 3Page - Monolithic Power Systems MP2212 Datasheet HTML 4Page - Monolithic Power Systems MP2212 Datasheet HTML 5Page - Monolithic Power Systems MP2212 Datasheet HTML 6Page - Monolithic Power Systems MP2212 Datasheet HTML 7Page - Monolithic Power Systems MP2212 Datasheet HTML 8Page - Monolithic Power Systems MP2212 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP2212
16V, 3A, 600kHz Synchronous
Step-Down Converter
MP2212 Rev. 1.01
www.MonolithicPower.com
1
2/22/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2212 is an internally compensated
600kHz fixed frequency PWM synchronous
step-down regulator. With a 3V to 6V bias
supply (VCC), MP2212 operates from a 3V to
16V input and generates an adjustable output
voltage from 0.8V to 0.9xVIN at up to 3A load
current.
The MP2212 integrates an 80mΩ high-side
switch and an 80mΩ synchronous rectifier for
high efficiency without an external Schottky
diode. With peak current mode control and
internal compensation, it is stable with a
ceramic output capacitor and a small inductor.
Fault protection includes hiccup short-circuit
protection, cycle-by-cycle current limiting and
thermal shutdown. Other features include
frequency synchronization input and internal
soft-start.
The MP2212 is available in small 3mm x 3mm
10-lead QFN and 8-lead SOIC with exposed
pad packages.
FEATURES
• 3A Output Current
• Input Supply Range: 3V to 16V
• 80mΩ Internal Power MOSFET Switches
• All Ceramic Output Capacitors Design
• Up to 95% Efficiency
• 600kHz Fixed Switching Frequency
• Adjustable Output from 0.8V to 0.9xVIN
• Internal Soft-Start
• Frequency Synchronization Input
• Thermal Shutdown
• Cycle-by-Cycle Current Limiting
• Hiccup Short Circuit Protection
• 10-lead, 3mm x 3mm QFN Package and 8-
lead SOICE package
APPLICATIONS
• µP/ASIC/DSP/FPGA Core and I/O Supplies
• Printers and LCD TVs
• Network and Telecom Equipment
• Point of Load Regulators
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Trademarks of Monolithic Power Systems,
Inc.
TYPICAL APPLICATION
MP2212
BS
IN
FB
SW
1
3, 8
10
6
5
2, 9
4, 7
EN/SYNC
VCC
GND
VOUT
1.8V / 3A
VIN
3V to 16V
VCC
3V to 6V
OFF ON
C6
560PF
55
60
65
70
80
75
90
85
100
95
LOAD CURRENT (A)
Efficiency vs.
Load Current
0
0.5 1.0 1.5 2.0 2.5
3.5
3.0
VIN=12V
VIN=5V
VOUT=3.3V


Similar Part No. - MP2212

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
MP22125 SCHNEIDER-MP22125 Datasheet
95Kb / 2P
MP Meter pak, main lugs, two ringed socket, no bypass, 4 jaws, 200 A bus, 125 A, 240 VAC, 1 PH, UG, OH
More results

Similar Description - MP2212

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2208 MPS-MP2208 Datasheet
687Kb / 14P
16V, 4A, 600kHz Synchronous Step-Down Converter
MP2209 MPS-MP2209 Datasheet
558Kb / 12P
16V, 2A, 600kHz Synchronous Step-Down Converter
MP2214 MPS-MP2214 Datasheet
351Kb / 12P
16V, 4A, 600kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8031 BELLING-BL8031 Datasheet
754Kb / 6P
600KHz, 16V, 2A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6460A POWER-LP6460A Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470 POWER-LP6470 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
LP6470T POWER-LP6470T Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
logo
SHOUDING Shouding Semic...
SD8942 SHOUDING-SD8942 Datasheet
942Kb / 7P
600KHz, 16V竊?A Synchronous Step-Down Converter
logo
Lowpower Semiconductor ...
LP6480 POWER-LP6480 Datasheet
1Mb / 10P
600KHz, 16V/2A Synchronous Step-down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com